FCR-56-R
AI

The **FCR-56-R** is a specific electronic component, typically categorized as a **High-Power Thick Film Chip Resistor**. These components are designed for high-density mounting and are frequently used in power management and automotive applications due to their durability and power handling capabilities.
---
### 1. Key Technical Specifications
The "FCR" series generally denotes high-power characteristics. Below are the typical electronic specifications for the **FCR-56-R** variant:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thick Film Chip Resistor |
| **Case Size** | 2010 (Metric 5025) |
| **Power Rating** | 0.75W to 1W (High Power) |
| **Resistance Value** | 56 Ohms (indicated by "56") |
| **Tolerance** | ±1%, ±2%, or ±5% (depending on the suffix) |
| **Temperature Coefficient** | ±200 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Physical Construction
The FCR-56-R is built using several layers of electronic materials to ensure stability under load:
1. **Substrate:** High-purity Alumina (Ceramic) base.
2. **Resistive Element:** Metal glaze (Thick film) screen-printed onto the ceramic.
3. **Protective Layer:** A glass or epoxy overcoat to protect against moisture and mechanical damage.
4. **Terminations:** Multi-layer construction (usually Silver/Copper/Nickel/Tin) to ensure excellent solderability and prevent "leaching" during high-temp soldering.
---
### 3. Usage and Applications
Because this is a "High Power" chip resistor (often rated at 0.75W-1W compared to the standard 0.1W or 0.25W of smaller chips), it is used in circuits where heat dissipation is critical:
* **Power Supplies:** Used as a bleed resistor or for voltage regulation.
* **Motor Controllers:** Handling current surges in industrial equipment.
* **Automotive Electronics:** Used in Engine Control Units (ECUs) and lighting systems.
* **DC-DC Converters:** Managing energy conversion loss.
---
### 4. Circuit Symbol and Footprint
In Electronic Design Automation (EDA) software like Altium or KiCad, the part is represented as follows:
```markdown
Symbol: [R1] ---[ 56Ω ]---
Footprint: EIA 2010 (5.0mm x 2.5mm)
```
---
- ⤷
What is the significance of the 'R' suffix in this part number?
- ⤷ How does a thick film resistor differ from a thin film resistor in terms of performance?
- ⤷ What are the recommended soldering profiles for 2010 size chip resistors?