công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCR-51-R

  • AI
    The **FCR-51-R** is a specialized precision resistor component, typically categorized within the **Metal Film Resistor** family. It is designed for applications requiring high stability, low noise, and precise resistance values. --- ## 1. Technical Specifications The following table outlines the general electronic characteristics associated with the FCR-51-R series: | Parameter | Typical Value / Range | | :--- | :--- | | **Resistor Type** | Metal Film | | **Power Rating** | 0.25W to 0.5W (Standard) | | **Resistance Tolerance** | ±1% (Standard) to ±0.1% | | **Temperature Coefficient** | ±50 ppm/°C to ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Max Working Voltage** | 250V - 350V | --- ## 2. Key Electronic Features ### A. Metal Film Technology Unlike carbon film resistors, the FCR-51-R utilizes a thin layer of metal alloy (typically nickel-chromium) deposited onto a ceramic core. * **Low Noise:** This construction results in much lower thermal noise, making it ideal for audio processing and sensitive measurement circuits. * **Stability:** It offers excellent long-term stability under varying load conditions. ### B. Precision Tolerance The "F" or specific markings in this series often denote a tight tolerance (usually ±1%). This ensures that the actual resistance is very close to the nominal value printed on the body, which is critical for voltage dividers and feedback loops. ### C. Thermal Management The coating (often a flameproof lacquer or silicone) is designed to withstand high temperatures and prevent the component from catching fire in the event of an overload. --- ## 3. Common Applications Due to its electronic profile, the FCR-51-R is found in the following environments: 1. **Test & Measurement:** Multi-meters and oscilloscopes where accuracy is paramount. 2. **Audio Equipment:** High-fidelity amplifiers where signal purity (low noise) is required. 3. **Industrial Controls:** Signal conditioning modules in automated systems. 4. **Telecommunications:** Filter circuits and impedance matching. --- ## 4. Identification (Color Coding) Since these are usually axial-leaded components, the resistance value is identified by **5-band color coding**: 1. **Band 1-3:** Significant digits. 2. **Band 4:** Multiplier. 3. **Band 5:** Tolerance (Brown for 1%).
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value and wattage of your FCR-51-R unit?
    • ⤷ How does a metal film resistor compare to a wirewound resistor in terms of inductance?
    • ⤷ Are you looking for a replacement or a datasheet for a specific manufacturer like Futaba?