FCR-4W0-R
AI

The **FCR-4W0-R** is a specific model of a **Rotary Joint** (also known as a slip ring or rotary union) manufactured by **SPINNER GmbH**. It is primarily designed for high-frequency signal transmission in radar systems, satellite communications, and mobile communication test beds.
---
### 1. Key Technical Specifications
The "FCR" series stands for **F**iber Optic/Coaxial **C**ombination **R**otary Joint (though this specific model is a 4-channel coaxial unit).
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | FCR-4W0-R |
| **Component Type** | Coaxial Rotary Joint |
| **Channels** | 4 (Quad-channel) |
| **Frequency Range** | DC to 18 GHz (typical for W-series) |
| **Interface/Connector** | SMA or N-type (Female) |
| **Rotation Speed** | Up to 60 RPM (Standard) |
| **Housing Material** | Aluminum / Stainless Steel |
---
### 2. Electronic & RF Components
This device is not a "circuit board" in the traditional sense; it is a sophisticated electromechanical RF component. Its internal electronic parts include:
* **Coaxial Transmission Lines:** Precision-machined gold-plated conductors that carry high-frequency signals with minimal loss.
* **Rotary Interface:** A set of non-contacting or contacting junctions that allow the signal to pass from a stationary base to a rotating antenna/platform without twisting cables.
* **RF Shielding:** Heavy metal housing designed to prevent Electromagnetic Interference (EMI) and cross-talk between the 4 channels.
* **Impedance Matching Transformers:** Internal structures that maintain a consistent **50 Ohm impedance** across the rotating interface to minimize VSWR (Voltage Standing Wave Ratio).
---
### 3. Applications
The FCR-4W0-R is utilized in environments where high-speed data or RF signals must be transmitted across a rotating 360° axis:
1. **Radar Systems:** Connecting a rotating radar dish to a stationary transmitter/receiver.
2. **SATCOM (Satellite Communications):** Used in stabilized marine or airborne antennas.
3. **Measurement Technology:** Rotating test tables for verifying 5G/6G antenna patterns.
---
### 4. Component Maintenance
* **Low Friction Bearings:** Ensure smooth mechanical rotation.
* **Lubrication:** High-grade specialty grease is used internally to reduce wear on contact surfaces.
* **Environmental Sealing:** Usually rated for IP54 or higher to protect internal RF paths from dust and moisture.
---
- ⤷
What is the maximum power handling capacity of the FCR-4W0-R?
- ⤷ How does a coaxial rotary joint differ from a standard electrical slip ring?
- ⤷ What are the common failure modes for 4-channel rotary joints?