AI

The **FCR-3B-R** is a high-precision digital temperature controller manufactured by **Shinko Technos**. It is designed for industrial applications requiring stable PID control, compact DIN rail mounting, and versatile input/output options.
---
## 1. Core Electronic Components and Architecture
The device is built on a modular electronic architecture that separates high-power switching from sensitive signal processing.
| Component Group | Functionality | Key Specifications |
|:---|:---|:---|
| **CPU / Microprocessor** | Main logic, PID calculations, and fuzzy logic control. | High-speed processing for 0.25s sampling cycles. |
| **Input Stage** | Signal conditioning for sensors. | Multi-input (Thermocouple, RTD, DC Voltage/Current). |
| **A/D Converter** | Converts analog sensor data to digital signals. | High resolution (18-bit internal) for ±0.2% accuracy. |
| **Display Panel** | Human-Machine Interface (HMI). | 4-digit, 7-segment LED (Process/Set values). |
| **Isolation Circuit** | Protects internal logic from power surges. | Photo-coupler isolation between input, power, and output. |
---
## 2. Input and Output (I/O) Electronics
The FCR-3B-R is highly configurable depending on the specific model suffix.
### A. Sensor Inputs
The electronic front-end is universal, meaning it can handle various signal types via software selection:
* **Thermocouples:** K, J, R, S, B, E, T, N, etc.
* **RTDs:** Pt100, JPt100 (3-wire system).
* **Analog:** 0-5V DC, 1-5V DC, 0-20mA, or 4-20mA.
### B. Control Output Options
Depending on the specific variant (indicated by the "R" or other suffixes), the output electronics change:
1. **Relay Contact (R):** Uses a mechanical electromagnetic relay. (250V AC, 3A).
2. **SSR Drive (S):** Provides a 12V DC voltage pulse to trigger an external Solid State Relay.
3. **Current Output (A):** Provides a 4-20mA DC signal for proportional valve control or power regulators.
---
## 3. Communication and Integration Features
The "FCR" series often includes secondary electronic boards for networking:
* **RS-485 Interface:** Uses the Modbus RTU or Shinko protocol for PLC integration.
* **Event Inputs/Outputs:** Small signal relays or open-collector transistors used for high/low temperature alarms or heater burnout detection.
---
## 4. Technical Summary Table
| Feature | Specification |
|:---|:---|
| **Power Supply** | 100V to 240V AC (Standard) or 24V AC/DC (Optional) |
| **Power Consumption** | Approx. 8VA |
| **Sampling Cycle** | 0.25 seconds |
| **Mounting** | 35mm DIN Rail Mount |
| **Operating Temp** | 0 to 50°C (32 to 122°F) |
---
## 5. Typical Wiring Diagram Layout
```text
[ Power Supply ] [ Sensor Input ] [ Control Output ]
(1)---(L) (7)---(+) (10)---(NO)
(2)---(N) (8)---(-) (11)---(COM)
(9)---(B')
```
*(Note: Terminals vary by specific sub-model; always refer to the label on the side of the unit casing.)*
- ⤷
What are the specific wiring differences between the Relay and SSR drive versions?
- ⤷ How do I calibrate the FCR-3B-R for a Pt100 RTD sensor?
- ⤷ Does this model support Modbus communication by default?