công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCR-11-R

  • AI
    The **FCR-11-R** is an electronic component part of a specific series of **Film Capacitors** (often associated with manufacturers like **Shinyei** or similar specialized passive component brands). These are primarily used for power factor correction, motor running, or general-purpose AC applications. Below is a detailed breakdown of the electronic characteristics and technical specifications typical for this part. --- ## 1. Technical Specifications The "FCR" designation generally refers to a **Flame Retardant** or **Film Capacitor** series. The "-11-R" suffix denotes the specific capacitance value, tolerance, and compliance standards. | Feature | Description | | :--- | :--- | | **Component Type** | Metallized Polyester or Polypropylene Film Capacitor | | **Capacitance Range** | Typically measured in microfarads (µF) | | **Voltage Rating** | Usually rated for 250VAC to 450VAC | | **Tolerance** | Generally ±5% (J) or ±10% (K) | | **Safety Standard** | Flame retardant casing (UL 94V-0 rated) | | **RoHS Status** | "R" suffix often indicates **RoHS Compliance** | --- ## 2. Key Electronic Properties ### Self-Healing Mechanism One of the primary electronic advantages of the FCR series is its **self-healing** capability. If a dielectric breakdown occurs due to an overvoltage spike, the metallized layer evaporates around the short circuit, isolating the fault and allowing the capacitor to continue functioning. ### Dissipation Factor (DF) These parts are engineered for a low dissipation factor, meaning they generate very little heat during operation. This is critical for AC applications where high frequency or continuous voltage can lead to thermal stress. ### Insulation Resistance The FCR-11-R maintains high insulation resistance between the terminals and the outer casing, ensuring safety and preventing leakage current in sensitive electronic circuits. --- ## 3. Common Applications The FCR-11-R is typically found in the following electronic environments: 1. **Motor Running/Starting:** Used in small AC motors (fans, pumps) to create a phase shift. 2. **Power Factor Correction:** Improving the efficiency of power supplies in industrial lighting or appliances. 3. **Filtering:** Acting as an X-class or Y-class style filter to suppress electromagnetic interference (EMI). 4. **Ballasts:** Integrated into electronic ballasts for fluorescent or HID lighting. --- ## 4. Part Number Breakdown (Generic) While numbering varies by manufacturer, the structure usually follows this logic: ```text FCR - 11 - R | | | Series | +-- RoHS Compliant / Revision +-------- Capacitance/Voltage Code ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value of the FCR-11-R?
    • ⤷ Which manufacturer produces the FCR-11-R series?
    • ⤷ What are the dimensions and mounting style for this part?