công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCJ-R

  • AI
    The term **FCJ-R** typically refers to a series of **Film Capacitors**, specifically those manufactured by companies like **Nichicon** or associated with specific industrial power electronics standards. These are high-performance components used primarily for filtering and energy storage. --- ## 1. Core Specifications The FCJ-R series is characterized by its use of metallized polypropylene film. Below are the typical technical parameters: | Feature | Description | | :--- | :--- | | **Dielectric Material** | Metallized Polypropylene Film | | **Rated Voltage** | Typically ranges from 450V DC to 1100V DC | | **Capacitance Range** | High capacity (often 10µF to 100µF+) | | **Operating Temp** | -40°C to +85°C (or up to 105°C with derating) | | **Terminal Type** | PCB Plug-in or Lug terminals for high current | --- ## 2. Key Technical Attributes ### A. Self-Healing Property If a dielectric breakdown occurs due to an overvoltage spike, the metallized layer evaporates around the point of failure, isolating the short circuit and allowing the capacitor to continue functioning. ### B. Low ESR & ESL * **Low ESR (Equivalent Series Resistance):** Minimizes heat generation during high ripple current conditions. * **Low ESL (Equivalent Series Inductance):** Allows the part to function efficiently at higher frequencies, common in switching power supplies. ### C. Safety Features Many FCJ-R series parts include an internal pressure-sensitive disconnector or specific flame-retardant epoxy resin (UL94V-0) to prevent fire in case of catastrophic failure. --- ## 3. Common Applications Due to their high voltage rating and reliability, these parts are found in: * **Inverters:** Used in solar power systems and motor drives. * **EV Charging:** High-frequency filtering in Electric Vehicle charging stations. * **Power Supplies:** DC-Link circuits for smoothing rectified AC voltage. * **Induction Heating:** Handling high-current resonance. --- ## 4. Usage Example (Circuit Context) In a standard DC-Link application, the FCJ-R capacitor is placed between the rectifier output and the inverter stage: ```python # Simplified Representation of FCJ-R in a Power Circuit [AC Input] --> [Rectifier Bridge] --> [FCJ-R Capacitor (DC-Link)] --> [IGBT Inverter] | (Smooths Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FCJ-R film capacitors and standard electrolytic capacitors?
    • ⤷ How does the 'self-healing' mechanism work in metallized film capacitors?
    • ⤷ What specific derating factors should be considered when using FCJ-R parts at temperatures above 85°C?