FCI2012F-R15K
AI

### Technical Overview of FCI2012F-R15K
The **FCI2012F-R15K** is a surface-mount (SMD) multilayer chip inductor manufactured by **Bourns**. It is part of the FCI series, which is designed for high-density mounting and general-purpose signal processing applications.
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.15 µH (150 nH) | Measured at 25 MHz |
| **Tolerance** | ±10% | Denoted by the "K" suffix |
| **Case Size** | 2012 (EIA 0805) | 2.0mm x 1.25mm footprint |
| **Rated Current** | 300 mA | Maximum DC current allowed |
| **DC Resistance (DCR)** | 0.35 Ω (Max) | Internal resistance |
| **Self-Resonant Frequency** | 250 MHz (Min) | Frequency where it loses inductive properties |
| **Operating Temp** | -40°C to +125°C | Industrial grade temperature range |
---
### 2. Physical Construction
The part is built using **Multilayer Ceramic Technology**. Unlike wire-wound inductors, this model is constructed by layering conductive materials (silver or copper) and ferrite material, which are then fired into a monolithic block.
**Benefits of this construction:**
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI).
* **Durability:** No external wires to break, making it highly vibration-resistant.
* **Compactness:** High inductance values can be achieved in small footprints.
---
### 3. Part Number Breakdown
| Part Segment | Meaning |
| :--- | :--- |
| **FCI** | Series Name (Ferrite Chip Inductor) |
| **2012** | Package Size (2.0mm x 1.25mm / 0805) |
| **F** | Lead-free / RoHS Compliant |
| **R15** | Inductance Value (R15 = 0.15 µH) |
| **K** | Tolerance Code (±10%) |
---
### 4. Typical Applications
The FCI2012F-R15K is commonly used in low-power electronic circuits for:
* **Noise Suppression:** Filtering high-frequency noise in power supply lines.
* **Signal Conditioning:** Impedance matching in RF and communication circuits.
* **Consumer Electronics:** Mobile phones, tablets, and wearable technology where space is limited.
- ⤷
What is the difference between this ferrite chip inductor and a wire-wound inductor?
- ⤷ How does the 'Self-Resonant Frequency' impact the performance of this part?
- ⤷ Are there recommended soldering profiles for this 0805 package?