công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCA-5Z-R

  • AI
    ## Technical Overview of FCA-5Z-R The **FCA-5Z-R** is a specific model within the **FCA Series** of automotive-grade relays, manufactured by **TE Connectivity (Hartman)**. These are high-reliability, mid-range relays designed for harsh environments, primarily used in aerospace, defense, and high-end automotive applications. --- ### 1. Key Technical Specifications The "5" in the part number typically denotes the contact rating, and "Z" refers to the terminal/mounting configuration. | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form C (SPDT) - Single Pole Double Throw | | **Contact Rating** | 5 Amperes | | **Coil Voltage** | 28 VDC (Standard for Aerospace/Mil-Spec) | | **Coil Suppression** | Often includes internal diode suppression (Z-type) | | **Termination** | Solder hooks or PCB pins (depending on suffix) | | **Temperature Range** | -70°C to +125°C | --- ### 2. Internal Electronic Components The device is an **Electromechanical Relay**, meaning it combines electrical control with mechanical movement. * **Coil Assembly:** A copper wire winding that creates a magnetic field when energized. In the "R" variant, the coil is optimized for specific resistance and power consumption. * **Armature & Spring:** The mechanical mechanism that moves the contacts. The spring ensures the relay returns to its "Normally Closed" (NC) position when power is removed. * **Contact Material:** Usually made of silver-cadmium oxide or similar alloys to prevent "welding" (sticking) under high-current loads and to resist oxidation. * **Arc Suppressor:** Many models in this series include internal diodes across the coil to prevent Back-EMF (voltage spikes) from damaging the driving circuit. --- ### 3. Structural Design The FCA-5Z-R is built to withstand extreme conditions that standard commercial relays cannot handle. 1. **Hermetic Sealing:** The unit is typically "Hermetically Sealed" (evacuated and filled with dry nitrogen). This prevents moisture, dust, and altitude changes from affecting the contacts. 2. **Vibration/Shock Resistance:** Designed to operate under high G-forces, making it suitable for engine compartments or airborne vehicles. 3. **Balanced Force Design:** Uses a balanced armature to ensure the contacts don't "chatter" (briefly open/close) during heavy vibration. --- ### 4. Common Applications Due to its **MIL-R-6106** (or equivalent) heritage, it is used in: * **Avionics Control:** Powering flight instruments. * **Fuel Systems:** Actuating pumps and valves. * **Weapon Systems:** Reliable triggering mechanisms. * **High-End Robotics:** Where failure is not an option. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FCA and FCB series relays?
    • ⤷ Can the FCA-5Z-R be used in 12V automotive systems?
    • ⤷ What are the specific mounting options for the Z-type terminal configuration?