công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FC-R

  • AI
    It appears you are referring to the **FC-R series**, most commonly associated with **Fuji Electric’s Paperless Recorders** (like the PHR, PHE, or the specialized FC-R series used in industrial automation). These devices are sophisticated electronic instruments used to monitor, record, and control process variables like temperature, pressure, and flow. --- ## 1. Core Electronic Components of FC-R Recorders The electronic architecture of an FC-R unit is divided into several functional blocks: | Component Category | Description | Key Parts | | :--- | :--- | :--- | | **Input Circuitry** | Converts analog signals from sensors into digital data. | A/D Converters (Analog-to-Digital), High-impedance Op-amps, Multiplexers. | | **Central Processing** | The "brain" that manages data logging, scaling, and display. | Microprocessor (MPU), Flash Memory (for OS), SRAM (for calculations). | | **Storage Media** | Non-volatile storage to prevent data loss during power failure. | Internal EEPROM, SD Card slots, or USB Flash drive interfaces. | | **Power Supply** | Converts AC mains to regulated DC voltages for internal chips. | Switching Power Supply (SMPS), Transformers, Rectifiers, Capacitors. | | **Display Unit** | Provides the user interface and real-time graphing. | TFT Color LCD panel, LED Backlight driver, Touchscreen controller. | --- ## 2. Input/Output (I/O) Specifications The electronic design of the FC-R series allows for various types of signals to be processed simultaneously: ### Analog Inputs * **Thermocouples:** Types K, E, J, T, N, R, S, B. * **RTDs:** Pt100, JPt100. * **DC Voltage/Current:** 1-5V, 4-20mA (via external shunt resistor). ### Digital/Relay Outputs * **Alarm Relays:** Electromechanical relays used to trigger external sirens or shut down machinery. * **Communication Ports:** RS-485 (Modbus RTU) or Ethernet (Modbus TCP) chips for SCADA integration. --- ## 3. Advanced Features * **Galvanic Isolation:** The input channels are electronically isolated from each other and from the ground to prevent noise interference and ground loops. * **Math Processing:** High-speed DSP (Digital Signal Processing) chips allow for real-time square root extraction, totalization, and logic operations. * **Battery Backup:** A Lithium battery (often CR series) maintains the internal clock (RTC) and system parameters when the main power is disconnected. --- ## 4. Maintenance & Reliability Because these are industrial-grade electronics, they are designed with: 1. **Filtering Capacitors:** To handle high-frequency noise from heavy machinery. 2. **Thermal Management:** Heat sinks or vented casings to protect the CPU during 24/7 operation. 3. **Surge Protection:** Varistors (MOVs) at the power input to protect against voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the common causes of electronic failure in paperless recorders?
    • ⤷ How do I calibrate the analog input channels of an FC-R device?
    • ⤷ Can the FC-R series communicate directly with a PLC via Modbus?