FAP-01-R/Q
AI

The **FAP-01-R/Q** series refers to specific models of **Fast-Action Fuses** (often identified with brands like Fuji Electric or specialty semiconductor protection lines). These are critical electronic components designed to protect sensitive power electronics.
---
### 1. Technical Overview
The FAP-01 series is generally classified as a **Super-Rapid Fuse**, specifically engineered to blow faster than standard glass or ceramic fuses. This is necessary to protect semiconductor devices (IGBTs, Thyristors, and Diodes) which can be destroyed by overcurrent in milliseconds.
### 2. Specifications Table
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Super-Rapid / Fast Acting |
| **Rated Voltage** | 250V - 600V AC/DC (varies by sub-model) |
| **Rated Current** | 0.1A to 30A (model dependent) |
| **Breaking Capacity** | High (designed to clear massive short-circuit currents) |
| **Mounting Style** | Plug-in / Clip-mount / PC Board |
| **Termination** | Radial or Tab (indicated by R/Q suffix) |
---
### 3. Key Electronic Components & Construction
* **The Element:** Made of high-purity silver or copper-silver alloy. It has a specific "notched" geometry to ensure the fuse melts at precise points during a fault.
* **The Body:** Usually constructed from high-grade ceramic or melamine resin to withstand high internal pressures and heat during an arc-extinguishing event.
* **Arc Quenching Filler:** The interior is often packed with high-purity silica sand. When the fuse blows, the sand melts into glass, absorbing the energy and extinguishing the electrical arc.
### 4. Suffix Meanings (R/Q)
The letters at the end of the part number usually denote the physical configuration or standard compliance:
* **R:** Often denotes **Radial** leads or a specific **Resin** coating for environmental protection.
* **Q:** Often refers to **Quick-connect** terminals or a specific UL/CSA certification class for high-speed clearing.
---
### 5. Applications
These parts are commonly found in:
1. **Variable Frequency Drives (VFDs):** Protecting the inverter bridge.
2. **Power Supplies (SMPS):** Acting as a secondary-side fail-safe.
3. **UPS Systems:** Protecting the battery-to-AC conversion stage.
4. **CNC Machinery:** Shielding sensitive control boards from motor surges.
- ⤷
What is the difference in clearing time between FAP-01 and a standard glass fuse?
- ⤷ How do I choose the correct current rating for a semiconductor fuse?
- ⤷ Can the FAP-01-R be used in DC circuits as well as AC?