công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F6908G-S08-R

  • AI
    ## F6908G-S08-R Electronic Component Overview The **F6908G-S08-R** is an integrated circuit, typically categorized as a **Synchronous Rectification (SR) Controller**. It is widely used in switch-mode power supplies (SMPS) to improve efficiency by replacing traditional Schottky diodes with MOSFETs. ### 1. General Specifications The following table summarizes the primary technical characteristics of the F6908G-S08-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Secondary Side Synchronous Rectification Controller | | **Package Type** | SOP-8 (Surface Mount) | | **Operating Voltage Range** | Typically 4.5V to 20V (VCC) | | **Drive Capability** | High current gate driver for external N-channel MOSFETs | | **Operating Temperature** | -40°C to +125°C | | **RoHS Status** | Lead-free / RoHS Compliant ("G" and "R" suffixes) | --- ### 2. Pin Configuration (SOP-8) The device is housed in an 8-pin Small Outline Package (SOP). Below is the standard pin layout description: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VDD** | Power supply input. | | 2 | **GATE** | Gate drive output for the external SR MOSFET. | | 3 | **GND** | Ground reference. | | 4 | **DRAIN** | Drain sensing input for MOSFET voltage detection. | | 5-8 | **NC/NC/NC/NC** | No internal connection or specialized sensing pins depending on the specific revision. | --- ### 3. Key Features * **High Efficiency:** By controlling an external MOSFET to act as a rectifier, it significantly reduces conduction losses compared to standard diodes. * **Adaptive Control:** It detects the drain-to-source voltage ($V_{DS}$) of the MOSFET to determine the precise timing for switching on and off. * **Light Load Mode:** Many versions include a "green mode" or burst mode to minimize power consumption when the output load is low. * **Wide VCC Range:** Supports various output voltages, making it versatile for different charger and adapter designs. --- ### 4. Typical Applications The F6908G-S08-R is commonly found in the secondary side of power conversion circuits, specifically: 1. **AC/DC Adapters:** Fast chargers for smartphones and laptops. 2. **Open Frame Power Supplies:** Industrial and consumer electronics power modules. 3. **USB Power Delivery (PD):** High-efficiency power conversion for Type-C chargers. --- ### 5. Identification Suffixes * **G:** Usually denotes "Green" (Halogen-free and RoHS compliant). * **S08:** Refers to the **SOP-8** package dimension. * **R:** Indicates the packaging method (Tape & **R**eel). ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended MOSFETs to pair with the F6908G-S08-R?
    • ⤷ Can this controller be used in a Flyback topology?
    • ⤷ What is the typical supply current (Icc) during operation?