công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F5000-R009

  • AI
    The **F5000-R009** typically refers to a high-precision **Current Shunt Resistor** (often associated with brands like Isabellenhütte or similar precision component manufacturers). These parts are critical in power electronics for measuring current by monitoring the voltage drop across a known resistance. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the F5000 series (specifically the R009 variant): | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 9 mΩ (0.009 Ohms) | | **Tolerance** | Usually ±1% or ±5% (depending on specific grade) | | **Power Rating** | Typically 3W to 5W (ambient temperature dependent) | | **Temperature Coefficient (TCR)** | < 20 ppm/K to 50 ppm/K | | **Material** | Manganin or Aluchrom (Low thermoelectric voltage) | | **Mounting Type** | Surface Mount (SMD) or Bolt-down (Busbar) | --- ### 2. Key Electronic Features * **Low Inductance:** Designed with a flat-plan geometry to ensure minimal inductive reactance, making it suitable for high-frequency switching applications. * **High Stability:** The resistance value remains constant even under significant thermal stress or long-term load. * **Four-Terminal Sensing (Kelvin Connection):** While the R009 is a two-terminal value, it is often used in layouts that utilize Kelvin sensing to eliminate the resistance of leads and solder joints from the measurement. --- ### 3. Circuit Application In an electronic circuit, the F5000-R009 acts as a sensor. According to Ohm's Law ($V = I \times R$), the voltage measured across the resistor is directly proportional to the current flowing through it. ```cpp // Example: Calculating Current in a Microcontroller float resistance = 0.009; // 9mOhms float voltageDrop = readAdcVoltage(); float current = voltageDrop / resistance; ``` ### 4. Common Use Cases 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or power tools. 2. **Power Inverters:** Detecting over-current conditions to protect MOSFETs/IGBTs. 3. **Industrial Controls:** Precise motor control and feedback loops. 4. **DC/DC Converters:** Current mode control for voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the F5000-R009 before thermal failure?
    • ⤷ How do I implement a Kelvin connection layout for this specific shunt?
    • ⤷ What are the recommended alternatives if the 9mOhm value is out of stock?