F2VS-KA-R/Q
AI

The **F2VS-KA-R/Q** refers to a high-performance **Flow Sensor** (specifically a Karman vortex type) manufactured by **CKD Corporation**. These sensors are designed for monitoring the flow of fluids in industrial automation, often used in semiconductor manufacturing or cooling systems.
---
## 1. Electronic Specifications & Part Breakdown
The model code "F2VS-KA-R/Q" breaks down into specific electronic and physical characteristics:
| Feature | Specification / Description |
| :--- | :--- |
| **Detection Method** | Karman Vortex (Uses a bluff body to create pressure fluctuations) |
| **Output Type (R)** | **Switch Output:** NPN/PNP open collector (depending on specific wiring) |
| **Analog Output (Q)** | **Integrated Output:** Usually provides a 1–5V or 4–20mA signal for continuous monitoring |
| **Power Supply** | 12 to 24V DC (±10%) |
| **Current Consumption** | Typically 50mA or less |
| **Display** | Integrated 2-color LED (Red/Green) for threshold status |
---
## 2. Key Electronic Components
The internal electronics of the F2VS series consist of three primary stages:
### A. The Piezoelectric Sensing Element
* **Function:** Located downstream of the vortex generator. It detects the frequency of the pressure oscillations (vortices).
* **Signal:** Converts mechanical pressure into a low-voltage AC electrical signal.
### B. Signal Processing Circuit (ASIC)
* **Filtering:** Filters out mechanical noise and vibrations to ensure the vortex frequency is isolated.
* **Conversion:** Converts frequency directly into a flow rate value (L/min).
### C. Output Interface
* **Pulse Output:** Used for totalizing (counting) flow.
* **Analog Output:** A linear voltage or current representing the instantaneous flow rate.
* **Protection:** Includes short-circuit protection and reverse polarity protection to prevent damage during installation.
---
## 3. Wiring Diagram (Typical Configuration)
The unit typically uses a M8 or M12 connector or a direct lead wire.
```markdown
Wire Color | Function | Description
-----------|------------------|---------------------------
Brown | DC (+) | +12 to 24V DC
Blue | DC (-) | 0V / GND
Black | OUT 1 | Control Output (Switch)
White | OUT 2 / Analog | Analog Output (1-5V)
```
---
## 4. Application Considerations
* **Response Time:** The electronic response time is generally around 1 second or less, adjustable via the integrated menu.
* **Accuracy:** ±2.5% F.S. (Full Scale) or better, maintained by the internal digital temperature compensation.
* **Environment:** The electronics are housed in a PBT or PPS resin casing, typically rated at **IP65** for moisture and dust resistance.
- ⤷
What is the flow range supported by the F2VS-KA-R/Q model?
- ⤷ How do you calibrate the analog output for this specific sensor?
- ⤷ What are the common failure modes for Karman vortex flow sensors?