F2VS-H0-R
AI

The **F2VS-H0-R** is a specific sensor model, typically associated with high-precision optical sensing or liquid level detection systems (often found in specialized industrial equipment like Fuji or similar manufacturing lines).
Below is a breakdown of the electronic components and technical specifications associated with this type of device.
---
### 1. Technical Specifications Overview
The F2VS series usually functions as a **Pipe-Mounted Liquid Level Sensor**. It detects the presence or absence of liquid through a transparent pipe using optical refraction.
| Feature | Description |
| :--- | :--- |
| **Detection Method** | Optical Refraction (Infrared LED + Phototransistor) |
| **Output Type** | NPN or PNP Open Collector (Model dependent, R usually denotes specific logic) |
| **Operating Voltage** | 12 to 24V DC |
| **Response Time** | < 2ms |
| **Indicator** | Integrated LED (Red/Green) for Status and Power |
| **Mounting** | Snap-on or Tie-wrap for specific pipe diameters (e.g., 6mm to 13mm) |
---
### 2. Core Electronic Components
The internal circuitry consists of four primary sections:
#### A. The Emitter (Infrared LED)
* **Function:** Generates a constant beam of infrared light.
* **Electronics:** Driven by a current-limiting circuit to ensure a stable light intensity regardless of voltage fluctuations in the 12-24V range.
#### B. The Receiver (Photodetector)
* **Function:** Captures the light passing through the pipe.
* **The "Refraction" Principle:** When the pipe is empty, light hits the receiver directly. When liquid is present, the light is refracted (bent) away from the receiver, triggering a state change.
#### C. Signal Processing IC
* **Comparator:** Compares the voltage from the receiver against a threshold.
* **Hysteresis Circuit:** Prevents "chattering" (rapid switching) if bubbles are present or if the liquid level is turbulent.
#### D. Output Stage (The "R" Suffix)
* **Transistor Switch:** Usually an Open Collector output.
* **Protection:** Includes reverse polarity protection and surge suppression to prevent damage from inductive loads or incorrect wiring.
---
### 3. Wiring Diagram Concept
Standard industrial color-coding for the F2VS series:
```yaml
Brown: +V (12-24V DC)
Blue: 0V (GND)
Black: Control Output (Load)
```
---
### 4. Application Context
These parts are engineered for **non-contact detection**, meaning the electronics never touch the liquid. This is critical for:
* **Semiconductor Manufacturing:** Handling high-purity chemicals.
* **Medical Lab Equipment:** Preventing contamination.
* **Automated Bottling:** Ensuring precise fill levels in small tubes.
- ⤷
What is the difference between NPN and PNP output in the F2VS series?
- ⤷ How do you calibrate the sensitivity for different pipe thicknesses?
- ⤷ What are the common failure modes for these optical sensors?