công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-G0-R

  • AI
    The **F2VS-G0-R** is a specific electronic component typically categorized as a **Pressure Switch** or **Vacuum Switch**, often used in industrial automation, pneumatic systems, and fluid control. Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ## 1. Technical Specifications The F2VS series is known for its compact design and reliability in monitoring air pressure or vacuum levels. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Pressure/Vacuum Switch | | **Pressure Range** | Generally rated for 0 to -101.3 kPa (Vacuum) | | **Contact Type** | Reed Switch or Solid State (depending on sub-model) | | **Switching Output** | Normally Open (NO) | | **Lead Wire** | Grommet type, 2-wire system | | **Indicator** | LED Light (typically Red when active) | --- ## 2. Electronic Operating Principles The device operates as a sensor that closes an electrical circuit when a specific pressure threshold (vacuum) is reached. ### A. The Sensing Mechanism * **Diaphragm/Piston:** Internally, a diaphragm reacts to the pressure change. * **Magnetic Actuation:** As the pressure shifts the internal mechanism, a magnet moves closer to a **Reed Switch**. * **Electrical Continuity:** When the magnet is in proximity, the reed switch blades touch, completing the circuit and allowing current to flow to the controller (PLC). ### B. Wiring Configuration The "R" suffix often denotes a specific wiring or mounting configuration. As a 2-wire device, it is wired in series with the load. ```cpp // Typical 2-Wire Connection Logic [Power Source (+)] ---- [Load/PLC Input] ---- [F2VS-G0-R] ---- [Power Source (-)] ``` --- ## 3. Key Features and Applications ### Key Electronic Characteristics: * **Response Time:** Extremely fast (usually < 1ms), making it suitable for high-speed pick-and-place machines. * **Durability:** High vibration and shock resistance, essential for mounting on moving robotic arms. * **Protection:** Often rated IP40 or higher, protecting internal electronic contacts from dust. ### Common Applications: 1. **Vacuum Confirmation:** Ensuring a suction cup has successfully gripped a part before a robot moves. 2. **Leak Detection:** Monitoring if a sealed system maintains a specific pressure level. 3. **Pneumatic Control:** Acting as an input trigger for PLCs to move to the next step in an automated sequence. ---
    ✨ Follow-up Questions
    • ⤷ What are the voltage and current limits for the F2VS-G0-R?
    • ⤷ How do I calibrate the trigger point on this pressure switch?
    • ⤷ What is the difference between the G0 and G1 versions of this series?