F2VS-FWE-R
AI

The **F2VS-FWE-R** is a specific model within the **F2VS Series** of electronic components, primarily manufactured by companies like **SMC** or **Fujikura** (depending on the specific industrial application, though most commonly associated with flow sensors or pressure switches).
Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The F2VS series typically represents a **Digital Flow Switch** or a **Flow Sensor** designed for use with water or specific fluids. The suffix codes denote specific electronic output types and connection methods.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Digital Flow Switch (Remote Type) |
| **Output Method** | NPN or PNP Open Collector (Depending on specific wiring) |
| **Power Supply** | 12 to 24 VDC |
| **Current Consumption** | $\le$ 50 mA |
| **Response Time** | $\le$ 1.5 seconds (Integrated) |
| **Protection Class** | IP65 (Waterproof/Dustproof) |
---
## 2. Electronic Parts & Functions
### A. The Sensor Unit (FWE)
The "FWE" designation usually refers to the **Flow Element** or the wet part of the sensor.
* **Impeller/Karman Vortex:** Uses a mechanical or sonic element to detect flow speed.
* **Transducer:** Converts the mechanical movement or pressure differential into a low-voltage electrical signal.
### B. Output Characteristics (-R)
The **-R** suffix is critical for electronic integration. It typically signifies a **Remote Type** or a specific **Connector Lead**:
* **Switching Output:** Provides a digital signal (High/Low) when flow reaches a predefined set point.
* **Analog Output (Optional):** Some variations provide a 1-5V or 4-20mA signal proportional to the flow rate for PLC monitoring.
---
## 3. Wiring Configuration
For the electronic integration of the F2VS-FWE-R, the following wiring logic is standard:
```yaml
Wiring Guide:
Brown: DC (+) 12-24V Power Supply
Blue: DC (-) 0V / Common
Black: OUT1 (Main Switch Output)
White: OUT2 (Sub-Switch or Analog Output)
```
---
## 4. Key Electronic Features
* **Hysteresis Mode:** Prevents "chattering" (rapid switching) when the flow rate fluctuates near the set point.
* **Integrated Display:** Most models feature a 2-color LED display (Red/Green) to indicate the output status and numerical flow value.
* **Reverse Polarity Protection:** Protects the internal circuitry if the DC power leads are accidentally swapped.
---
- ⤷
What is the maximum pressure rating for the F2VS-FWE-R series?
- ⤷ How do I calibrate the analog output for this specific sensor?
- ⤷ Can this model be used with corrosive fluids or only deionized water?