công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-FW3-R

  • AI
    The **F2VS-FW3-R** is a specific model within the **F2VS series** produced by **Keyence**. It is a high-performance **2D Anti-Glare/Anti-Reflection Vision Sensor** (specifically a logic controller or camera head unit depending on the configuration) used in factory automation. --- ### 1. Technical Specifications The "FW" in the model name typically indicates it is part of the **Flexible/Wide** range, designed for high-speed image processing and inspection. | Parameter | Specification | | :--- | :--- | | **Model** | F2VS-FW3-R | | **Type** | Digital 2D Vision Sensor / Smart Camera | | **Interface** | RS-232C, Ethernet (TCP/IP), I/O Terminals | | **Scanning Method** | Progressive (Non-interlaced) | | **Mounting** | DIN Rail or Bracket Mount | | **Light Source Support** | Integrated and External LED Control | --- ### 2. Key Electronic Components & Features #### A. Image Acquisition System * **CMOS/CCD Sensor:** High-resolution digital sensor capable of capturing frames at high speeds for assembly line inspection. * **Anti-Glare Logic:** The "R" suffix often denotes specific lighting or reflection-reduction capabilities, allowing the sensor to "see" through shiny or metallic surfaces. #### B. Processing Architecture * **DSP (Digital Signal Processor):** Dedicated onboard processor for real-time edge detection, pattern matching, and OCR (Optical Character Recognition). * **Buffer Memory:** Internal RAM to hold high-speed image frames before they are processed or transmitted. #### C. Input/Output (I/O) Logic * **Optoisolated I/O:** The electronic pins are protected by optocouplers to prevent electrical noise from the factory floor from damaging the internal circuitry. * **NPN/PNP Switching:** Usually supports selectable output logic to interface with different types of PLCs (Programmable Logic Controllers). --- ### 3. Wiring and Connectivity The sensor utilizes a multi-pin connector for power and data. ```yaml # Pinout Logic Overview Power: 24V DC (+/- 10%) Inputs: Trigger, Remote Reset, Bank Switching Outputs: OK/NG (Pass/Fail), Busy Signal, Error Signal Communication: Dedicated RJ-45 or Serial for PC Interface ``` --- ### 4. Common Applications 1. **Part Orientation:** Ensuring a component is facing the right way before robotic pick-and-place. 2. **Defect Detection:** Finding scratches or missing components on a PCB or mechanical part. 3. **Barcode/Matrix Reading:** Decoding 2D codes even on reflective packaging.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements and current draw for the F2VS-FW3-R?
    • ⤷ How do I configure the NPN/PNP output settings for this model?
    • ⤷ What software is required to program the F2VS series vision sensors?