công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-D5-R

  • AI
    The **F2VS-D5-R** is a specific electronic component typically categorized as a **Digital Flow Sensor** or a **Flow Switch**, often manufactured by companies like CKD or specialized industrial automation firms. It is designed to measure and monitor the flow of gases (usually air or nitrogen) in pneumatic systems. --- ### 1. Technical Specifications The following table outlines the primary electronic and physical characteristics of the F2VS-D5-R: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Thermal Mass Flow (Silicon Micro-machined) | | **Fluid Type** | Compressed Air / Nitrogen ($N_2$) | | **Rated Flow Range** | Typically 0.5 to 5.0 L/min (varies by sub-model) | | **Supply Voltage** | 12 to 24V DC | | **Current Consumption** | $\leq$ 50 mA | | **Output Type** | PNP/NPN Open Collector (Switch) + Analog Output (Optional) | | **Connection Size** | Push-in fittings or Rc threads (model dependent) | --- ### 2. Key Electronic Components & Working Principle The device operates using a **MEMS (Micro-Electro-Mechanical System)** flow chip. 1. **Thermal Flow Sensor Chip:** At the heart of the device is a silicon chip containing a central heater and two temperature sensors (upwind and downwind). 2. **Signal Conditioning Circuit:** An internal ASIC (Application-Specific Integrated Circuit) converts the temperature differential into a linear voltage or frequency signal. 3. **Digital Display:** Most F2VS models feature a 2-color digital LED/LCD display to show real-time flow rates and threshold settings. 4. **Protection Circuitry:** Includes reverse polarity protection and short-circuit protection to prevent damage during installation. --- ### 3. Wiring and Pinout The F2VS-D5-R usually employs a standard 4-wire color code for industrial sensors: * **Brown:** Positive Supply (+12V to +24V DC) * **Blue:** Negative Supply (0V / GND) * **Black:** Switch Output (Control signal for PLC/Relay) * **White:** Analog Output (1-5V or 4-20mA) or External Input --- ### 4. Applications * **Suction Verification:** Checking if a vacuum component has successfully picked up a part. * **Leak Testing:** Detecting small drops in flow that indicate a seal failure. * **Consumption Management:** Monitoring the amount of air used by a specific pneumatic cylinder.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP output versions of this sensor?
    • ⤷ How do you calibrate the zero-point on the F2VS series?
    • ⤷ Can this sensor be used for liquid flow measurement?