F2VS-5WD-R/Q
AI

The **F2VS-5WD-R/Q** is a high-performance, compact **DC-DC Converter** module, typically utilized in industrial automation and power management systems. It is designed to provide stable voltage regulation with isolation between input and output circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the F2VS-5WD-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 5.5V DC (Nominal 5V) |
| **Output Voltage** | 5V DC (Regulated) |
| **Output Power** | 1W to 2W (Series dependent) |
| **Isolation Voltage** | 1000V DC to 3000V DC |
| **Efficiency** | Approximately 70% - 82% |
| **Package Type** | SIP (Single In-line Package) or DIP |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Components
This module contains several critical electronic sub-parts integrated into its small form factor:
* **Switching Controller:** An internal IC that manages the high-frequency oscillation (PWM) to convert DC power efficiently.
* **High-Frequency Transformer:** Provides the magnetic coupling required for electrical isolation, ensuring safety and noise reduction between the input and output.
* **Rectifier Diodes:** Converts the high-frequency AC signal from the transformer back into a stable DC output.
* **Input/Output Filters:** Internal capacitors (often ceramic) and inductors used to minimize "Ripple and Noise," protecting sensitive downstream electronics.
---
### 3. Pin Configuration and Connection
A typical 5-pin or 6-pin layout for this series follows this logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **+Vin** | Positive Input Power (5V) |
| 2 | **-Vin** | Ground/Return for Input |
| 3 | **-Vout** | Ground/Return for Output |
| 4 | **Common** | Reference point (if dual output) |
| 5 | **+Vout** | Positive Regulated Output (5V) |
---
### 4. Common Applications
* **Digital Circuits:** Providing isolated power to logic gates and microcontrollers.
* **Communication Ports:** Isolating RS-232, RS-485, or CAN bus interfaces to prevent ground loops.
* **Sensors:** Powering analog sensors in noisy industrial environments where galvanic isolation is required.
- ⤷
What are the specific protection features (OCP/OVP) for the F2VS-5WD-R/Q?
- ⤷ Can this module be used in automotive 12V systems without a pre-regulator?
- ⤷ What is the maximum ripple and noise level for this model?