công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-5W0-R

  • AI
    The **F2VS-5W0-R** is a specific electronic component, typically categorized as a **High-Power Shunt Resistor** or **Current Sense Resistor**. It is designed for precision current measurement in power electronics. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Specifications The part number follows a standard nomenclature for power resistors. Here are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Power Rating** | 5 Watts (indicated by "5W") | | **Resistance Value** | Typically low-milliohm (check specific suffix for exact $\Omega$) | | **Tolerance** | Usually $\pm1\%$ or $\pm5\%$ | | **Package Style** | Vertical Mount / Radial Lead | | **Material** | Metal Plate / Alloy | --- ### 2. Key Electronic Features * **Low Inductance:** Because these are often made from flat metal plates or specific alloys, they have very low self-inductance. This is critical for high-frequency switching power supplies. * **Heat Dissipation:** The "5W" rating indicates a high thermal capacity. The vertical mounting style (F2VS) helps in airflow and reduces the PCB footprint. * **Temperature Coefficient (TCR):** These parts are designed with materials like Manganin or NiCr to ensure the resistance value remains stable even as the part heats up during high current flow. --- ### 3. Circuit Application In a circuit, the F2VS-5W0-R is typically placed in series with the load. The voltage drop across the resistor is measured to determine the current using Ohm's Law ($I = V/R$). #### Example Connection Diagram: ```text [Power Source (+)] ---- [Load] ---- [F2VS-5W0-R] ---- [Ground] | | +--[To ADC/IC]--+ ``` --- ### 4. Typical Use Cases 1. **Motor Controllers:** Monitoring the current drawn by DC or Stepper motors. 2. **Battery Management Systems (BMS):** Measuring charge and discharge rates in battery packs. 3. **Power Supplies:** Over-current protection (OCP) circuits in AC/DC converters. 4. **Industrial Inverters:** High-power current feedback loops. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value in milliohms for the R variant?
    • ⤷ What are the recommended soldering profiles for vertical shunt resistors?
    • ⤷ How does the F2VS series compare to the CMS surface mount series?