công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-51-R

  • AI
    The **F2VS-51-R** is a specific electronic component typically identified as a **Radial Lead Variable Resistor** or a **Trimmer Potentiometer**, often associated with manufacturers like Copal Electronics (Nidec) or similar industrial component providers. It is designed for precise circuit adjustments. --- ### Technical Specifications Below are the typical technical parameters for the F2VS-51-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Variable Resistor / Trimmer | | **Mounting Type** | Through-Hole (Radial Leads) | | **Adjustment Type** | Side Adjustment / Top Adjustment (varies by sub-type) | | **Resistance Range** | Typically 10Ω to 2MΩ (depends on specific suffix) | | **Tolerance** | ±10% or ±20% | | **Power Rating** | 0.5W at 70°C | | **Operating Temp** | -55°C to +125°C | --- ### Key Electronic Features 1. **Cermet Element:** The device uses a cermet (ceramic-metal) resistive element. This provides better stability, lower temperature coefficient, and a longer life span compared to standard carbon composition resistors. 2. **Multiturn Capability:** The "51" designation often refers to the physical size and the mechanical turn ratio. These parts are usually designed for "Set and Forget" applications where fine-tuning of voltage or current is required. 3. **Environmental Sealing:** The "R" in the suffix often denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards and suggests the unit is sealed to withstand industrial soldering and cleaning processes. --- ### Application Usage These parts are commonly found in the following electronic circuits: * **Calibration:** Adjusting the gain of an operational amplifier. * **Power Supplies:** Fine-tuning the output voltage levels. * **Sensors:** Setting the threshold or "trip point" for comparative circuits. * **LCD Contrast:** Controlling the bias voltage for display modules. --- ### Typical Pin Configuration Most radial lead trimmers follow a standard 3-pin layout: ```text Pin 1: Input (Clockwise or Counter-clockwise) Pin 2: Wiper (The adjustable contact) Pin 3: Input (Opposite side of the resistive track) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the '51' variant?
    • ⤷ How does a cermet element compare to a wirewound element in trimmers?
    • ⤷ Can this part be used in automated pick-and-place assembly?