công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-15A-R

  • AI
    The **F2VS-15A-R** is a specific type of industrial protection component, primarily categorized as a **High-Speed Power Fuse** or a **Semiconductor Protection Fuse**. It is designed to protect sensitive power electronics from overcurrent conditions. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Model Number** | F2VS-15A-R | | **Rated Current** | 15 Amperes | | **Rated Voltage** | 250V AC/DC (Typical for F2VS series) | | **Interrupting Capacity** | 100kA (High Breaking Capacity) | | **Fuse Type** | Fast-Acting / Ultra-Rapid | | **Mounting Style** | Board Mount / Solder / Bolt-on (Variation dependent) | | **Standard Compliance** | UL/CSA Recognized | --- ### 2. Key Internal Components The "Electronic Parts" within this fuse assembly are purely passive but engineered for precision: * **Fusible Element:** Usually made of pure silver or silver-plated copper with a specific "neck" geometry to ensure precise melting at the 15A threshold. * **Arc-Quenching Filler:** The body is filled with high-purity silica sand. When the fuse blows, this sand turns into glass (fulgurite) to insulate the arc and prevent a fire or explosion. * **Ceramic Housing:** A high-temperature resistant ceramic tube provides the structural integrity needed to withstand high-pressure internal gases during a short circuit. --- ### 3. Application and Usage Because this is a "Fast-Acting" fuse, it is used in circuits where even a brief surge can destroy components. * **Inverters and Converters:** Protecting IGBTs and MOSFETs. * **DC Power Supplies:** Preventing damage to sensitive rectification circuits. * **Industrial Automation:** Protecting PLCs and I/O modules from high-voltage transients. --- ### 4. Part Number Breakdown (F2VS-15A-R) | Segment | Meaning | | :--- | :--- | | **F2VS** | Series designation (Semiconductor Protection) | | **15A** | 15 Ampere rating | | **-R** | Often indicates RoHS compliance (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between this fuse and a standard slow-blow fuse?
    • ⤷ How do I test if the F2VS-15A-R is blown using a multimeter?
    • ⤷ Are there alternative cross-reference parts for this model?