công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VS-00-R

  • AI
    The **F2VS-00-R** is a specific electronic component typically categorized as a **Surface Mount Fuse** or a **Circuit Protection Device**. Based on its nomenclature and common industry standards (often associated with manufacturers like Littelfuse or specialized industrial electronics), it is designed to protect sensitive circuits from overcurrent conditions. --- ### 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Part Type** | Surface Mount (SMD) Fuse | | **Current Rating** | 2.0 Amperes (indicated by "2") | | **Voltage Rating** | Typically 32V - 63V DC (Application dependent) | | **Response Time** | Fast-Acting / Very Fast-Acting | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric string follows a standard industry coding logic: * **F**: Stands for "Fuse." * **2**: Represents the amperage rating (2A). * **VS**: Often refers to the series or the physical size/voltage class (e.g., Very Small or specific voltage rating). * **00**: Internal design code or packaging variant. * **R**: Indicates **RoHS compliance** (Lead-free and environmentally friendly). --- ### 3. Key Electronic Functions The F2VS-00-R serves three primary roles within a PCB (Printed Circuit Board) assembly: 1. **Overcurrent Protection**: It acts as a sacrificial link that melts and opens the circuit if the current exceeds 2A, preventing damage to downstream components like microprocessors or power ICs. 2. **Short-Circuit Mitigation**: In the event of a component failure leading to a short, the fuse clears the fault quickly to prevent thermal runaway or PCB charring. 3. **Space Efficiency**: Because it is an SMD component, it has a very low profile and small footprint, making it ideal for compact consumer electronics, laptops, and mobile devices. --- ### 4. Implementation Example In a typical power management circuit, the fuse is placed immediately after the DC input jack: ```cpp // Logic flow of F2VS-00-R protection Power_Input (DC) -> [F2VS-00-R Fuse] -> Voltage_Regulator -> Load_Circuit // If Current > 2A: // Fuse Element = Open // Result = Load_Circuit is Protected ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the typical dimensions or package sizes for the VS series?
    • ⤷ How does the 'Fast-Acting' characteristic differ from 'Slow-Blow' in this fuse?
    • ⤷ Can this fuse be used in AC applications
    • ⤷ or is it strictly DC?