F2VF-HA-R/Q
AI

The **F2VF-HA-R/Q** refers to a high-performance electronic connector, typically part of the **F2VF series** manufactured by **JAE (Japan Aviation Electronics)**. These connectors are specialized for high-speed differential signal transmission and are commonly found in automotive and industrial display interfaces.
---
### 1. General Specifications
The parts within this series are engineered for robustness and signal integrity. Below is a breakdown of the typical characteristics for this specific part number suffix:
| Feature | Specification Details |
| :--- | :--- |
| **Series** | F2VF (Board-to-Cable High-Speed) |
| **Connector Type** | Receptacle / Housing |
| **Application** | LVDS, GVIF, or High-speed SerDes (Automotive) |
| **Impedance** | 100 Ohms (Differential) |
| **Termination** | Crimp / SMT (depending on mating pair) |
| **Special Feature** | "R/Q" often denotes specific keying or packaging variations |
---
### 2. Breakdown of Component Parts
A connector assembly of this type is comprised of several critical electronic and mechanical sub-components:
#### A. Insulator Housing
* **Material:** High-temperature thermoplastic (LCP or PPS).
* **Function:** Provides electrical isolation between pins and maintains the structural integrity of the connector.
#### B. Shielding Shell
* **Material:** Copper alloy or Stainless steel with Tin/Nickel plating.
* **Function:** Crucial for EMI (Electromagnetic Interference) protection. In automotive environments, preventing noise from affecting the signal (and vice versa) is mandatory.
#### C. Contacts (Terminals)
* **Material:** Gold-plated copper alloy.
* **Function:** The gold plating ensures a low-resistance connection and prevents oxidation over long lifespans in harsh environments.
---
### 3. Key Electronic Characteristics
* **High-Speed Signal Integrity:** Designed to support data rates required for high-definition vehicle displays (Infotainment systems).
* **Mechanical Locking:** Features a robust locking mechanism to withstand the High-Vibration environments of a moving vehicle.
* **Polarization:** The "HA" and "R/Q" designations usually refer to the mechanical keying. This prevents "mis-mating" (plugging the wrong cable into the wrong port) by using specific physical slots.
---
### 4. Typical Use Cases
These parts are most frequently used in:
1. **ADAS Systems:** Connecting cameras to processing units.
2. **Infotainment:** Connecting the Head Unit to the Dashboard display.
3. **Digital Clusters:** High-resolution driver instrument panels.
- ⤷
What is the exact pin count for the F2VF-HA-R/Q variant?
- ⤷ Does this connector support the LVDS protocol specifically?
- ⤷ Are there specific crimping tools required for the F2VF terminals?