AI

The part number **F2VF-H5W-R** identifies a specific series of high-voltage automotive-grade resistors, typically manufactured by companies like **Isabellenhütte** or similar specialty precision component manufacturers. These components are designed for high-current sensing and power management.
---
### 1. Component Overview
The F2VF series belongs to the category of **Surface Mount (SMD) Power Resistors**. They are primarily used as shunt resistors for current measurement in harsh environments.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Current Sense / Shunt Resistor |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Tolerance** | Typically ±1% or ±5% (depending on the suffix) |
| **Application** | Automotive, Industrial Power, Battery Management |
---
### 2. Key Technical Characteristics
* **Low Resistance Values:** These parts are engineered with very low resistance (milli-ohms) to minimize power loss while allowing for precise voltage drop measurements across the terminal.
* **High Power Rating:** Designed to handle significant wattage (often 5W to 7W) despite their relatively small footprint.
* **Thermal Stability:** Features a low Temperature Coefficient of Resistance (TCR), meaning the resistance value remains stable even as the component heats up during operation.
* **AEC-Q200 Qualified:** As indicated by the "F2VF" naming convention in automotive catalogs, these parts are usually tested to withstand extreme vibrations, thermal cycling, and humidity.
---
### 3. Application Examples
In modern electronics, the F2VF-H5W-R would typically be found in the following circuits:
1. **Battery Management Systems (BMS):** Monitoring the charge and discharge current of Lithium-Ion battery packs in Electric Vehicles (EVs).
2. **DC-DC Converters:** Providing feedback loops for current regulation in power supplies.
3. **Motor Control:** Sensing phase current in brushless DC (BLDC) motor drivers.
---
### 4. Part Number Breakdown (Typical)
While exact manufacturer coding varies, the suffix usually denotes:
* **H5W:** Power rating (e.g., 5 Watts).
* **R:** Packaging format (Tape and Reel).
```json
{
"part_category": "Resistor",
"sub_type": "Shunt / Current Sense",
"material": "Metal Alloy",
"mounting": "SMD/SMT"
}
```
- ⤷What is the exact resistance value of the F2VF-H5W-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the recommended soldering profiles for this SMD component?