công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-H0-R

  • AI
    ### Electronic Component Overview: F2VF-H0-R The **F2VF-H0-R** is a specific surface-mount electronic component, typically categorized as a **Chip Fuse** or a high-current protective device. These components are designed to protect delicate circuitry from overcurrent conditions while maintaining a compact footprint on a Printed Circuit Board (PCB). --- ### Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) / Chip Fuse | | **Current Rating** | Varies by manufacturer (typically indicates specific amperage/voltage thresholds) | | **Package Size** | Compact SMD (e.g., 0603 or 1206 footprints) | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Lead-free and compliant | --- ### Key Electronic Characteristics 1. **Fast-Acting Protection:** The "F" prefix often denotes a **Fast-Acting** characteristic. This means the fuse is designed to open (blow) quickly when a current surge occurs, preventing damage to downstream semiconductors like microcontrollers or power ICs. 2. **Thin-Film Construction:** Most modern chip fuses of this series utilize thin-film technology to ensure precise melting points and stable resistance values during normal operation. 3. **Resistance & Voltage Drop:** It is engineered for low internal resistance to minimize voltage drops and heat generation within the circuit under standard operating loads. 4. **Application Environment:** Commonly used in: * Laptops and mobile devices. * LCD monitors and TV backlighting. * Battery management systems (BMS). * USB peripherals. --- ### Identification and Marking * **F2:** Usually indicates the series or specific fuse speed. * **VF:** Can refer to the voltage rating or the specific thermal/material composition. * **-R:** Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances). --- ### Comparison: Fast-Acting vs. Slow-Blow In the context of the F2VF series: | Feature | Fast-Acting (F2VF) | Slow-Blow (Time-Delay) | | :--- | :--- | :--- | | **Response Time** | Extremely rapid | Tolerates brief surges | | **Ideal For** | Digital logic, ICs | Motors, Capacitive loads | | **Failure Mode** | Immediate disconnect | Gradual melting |
    ✨ Follow-up Questions
    • ⤷What is the exact current rating for the F2VF-H0-R model?
    • ⤷ Which manufacturers typically produce this specific part number?
    • ⤷ Can this component be substituted with a standard 0603 fuse?