công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-GWC-R/Q

  • AI
    The **F2VF-GWC-R/Q** is a high-performance, automotive-grade electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are specifically engineered to withstand harsh environments and provide stable power management. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the general electrical characteristics: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Inductance** | Varies (e.g., 1.0µH to 47µH) | Energy storage capacity. | | **Tolerance** | ±20% (M) or ±30% | Deviation from nominal value. | | **DC Resistance (DCR)** | Low (mΩ range) | Minimizes power loss as heat. | | **Saturation Current** | High | The current at which inductance drops. | | **Operating Temp** | -40°C to +125°C/150°C | Rated for extreme heat. | --- ### 2. Suffix Meaning (-R/Q) In the world of electronic components, the suffixes provide critical information regarding compliance and packaging: * **-R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. * **-Q:** This is a critical indicator for **Automotive Grade**. It usually implies the part is **AEC-Q200 qualified**, meaning it has passed rigorous stress tests for vibration, thermal shock, and moisture resistance. --- ### 3. Structural Features * **Magnetic Shielding:** These inductors are typically shielded to prevent Electromagnetic Interference (EMI) from affecting neighboring components on the PCB. * **Molded Construction:** They often use a metallic powder core technology which allows for higher saturation currents in a smaller physical footprint compared to traditional ferrite drum cores. * **Robust Terminals:** Designed for high-reliability soldering to withstand the mechanical vibrations found in vehicle engines or chassis. --- ### 4. Common Applications Due to its ruggedized nature, the F2VF-GWC series is used in: 1. **ADAS (Advanced Driver Assistance Systems):** Powering cameras and radar modules. 2. **Infotainment Systems:** DC-DC conversion for screens and processors. 3. **LED Lighting:** Constant current regulation for automotive headlamps. 4. **Transmission Control Units (TCU):** Reliable power delivery in high-heat zones. --- ### 5. Sample Circuit Representation In a standard Buck Converter (Step-Down) circuit, the component acts as the main energy storage element: ```spice * Simple DC-DC Buck Converter representation Vin 1 0 DC 12V SW1 1 2 ; Switching element L1 2 3 {Inductance} ; <--- F2VF-GWC Component C1 3 0 100uF ; Output Filter Capacitor Rload 3 0 10 ; Load ```
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the F2VF-GWC-R/Q?
    • ⤷ Does this component require specific soldering profiles for AEC-Q200 compliance?
    • ⤷ What are the physical dimensions (footprint) of this inductor?