công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-G6-R

  • AI
    The part number **F2VF-G6-R** identifies a specific type of **Miniature Power Relay**, commonly manufactured by brands like **OEG (TE Connectivity)** or used within automotive/industrial control modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This relay is designed for high-current switching within a compact footprint. It is typically a **Single Pole Double Throw (SPDT)** or **Single Pole Single Throw (SPST)** configuration. | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical Power Relay | | **Coil Voltage** | 12V DC (Standard for automotive/industrial) | | **Contact Arrangement** | 1 Form C (SPDT) or 1 Form A (SPST) | | **Max Switching Current** | 10A to 12A (Load dependent) | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Mounting Type** | PCB (Through-Hole) | | **Environmental Rating** | Flux Tight or Sealed (Sealed for -R variants) | --- ## 2. Part Number Breakdown The suffixing and prefixing provide specific information about the construction: * **F2V:** Series designation (Miniature Power Relay). * **F:** Insulation system/Class rating (usually Class F for high temperature). * **G6:** Contact rating/size code (Specific to 10A-12A capacity). * **R:** This usually denotes **"Resin Sealed"** or **"RoHS Compliant"**, indicating the device is protected against soldering flux and environmental contaminants. --- ## 3. Key Electronic Components Internally, the F2VF-G6-R consists of several critical sub-parts: 1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized by 12V DC. 2. **Armature:** The moving part that reacts to the magnetic field. 3. **Spring Mechanism:** Ensures the contacts return to their "Normal" state once power is removed from the coil. 4. **Contacts:** High-conductivity metal points that open or close the secondary circuit. 5. **Base and Case:** Heat-resistant plastic housing that provides structural integrity and insulation. --- ## 4. Common Applications Due to its reliability and small size, this part is frequently found in: * **Automotive Electronics:** Power windows, central locking, and light control modules. * **Home Appliances:** Control boards for air conditioners, microwaves, and washing machines. * **Industrial Automation:** Small-scale PLC output modules and sensor switching. --- ## 5. Wiring Diagram (Generic SPDT) ```text [COIL Pin 1] ----( Coil )---- [COIL Pin 2] | [Common (COM)] -------/ <-- Armature / [Normally Closed (NC)] [Normally Open (NO)] ```
    ✨ Follow-up Questions
    • ⤷ What are the pin dimensions for the F2VF-G6-R PCB footprint?
    • ⤷ Can this relay be used with a 24V DC supply instead of 12V?
    • ⤷ What is the typical mechanical life cycle (operations) for this relay?