công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-G5-R

  • AI
    ## Detailed Overview of the F2VF-G5-R The **F2VF-G5-R** is an automotive-grade electrical connector component, specifically a terminal or pin used in high-reliability harness assemblies. This part is commonly associated with automotive manufacturers like Ford (indicated by the "F2VF" prefix in traditional part numbering schemes). ### 1. Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Male Terminal / Pin | | **Material** | Copper Alloy (High Conductivity) | | **Plating** | Tin or Silver (depending on specific batch) | | **Application** | Wire-to-Wire or Wire-to-Board | | **Standard** | Automotive Quality Standards (USCAR/ISO) | | **Wire Gauge Range** | Typically 18-22 AWG (depending on crimp wings) | --- ### 2. Key Electronic Characteristics The F2VF-G5-R is engineered for harsh environments. Its electronic performance is defined by three main factors: 1. **Low Contact Resistance:** The geometry of the pin is designed to maximize surface area contact, minimizing voltage drops across the connection. 2. **Current Carrying Capacity:** While small, these pins are typically rated for **5A to 10A** continuous current, depending on the ambient temperature and the housing used. 3. **Vibration Resistance:** The "R" suffix often denotes a reinforced or revised design to prevent "fretting corrosion," which occurs when micro-movements caused by engine vibration break the electrical path. ### 3. Common Usage in Automotive Systems These parts are integral to the following modules: * **Engine Control Units (ECU):** Providing signal paths for sensors. * **Lighting Systems:** Connecting headlamp and signal harnesses. * **Sensor Interconnects:** Used for O2 sensors, MAF sensors, and throttle positions. --- ### 4. Installation and Tooling To maintain the electronic integrity of the F2VF-G5-R, specific assembly standards must be followed: ```bash # Recommended Assembly Steps 1. Strip wire insulation to the specified length (typically 3-5mm). 2. Use a calibrated ratcheting crimp tool. 3. Verify 'Crimp Height' and 'Crimp Width' against manufacturer specs. 4. Ensure the locking tang is engaged when inserting into the connector housing. ```
    ✨ Follow-up Questions
    • ⤷What are the specific crimp height specifications for F2VF-G5-R?
    • ⤷ Which connector housings are compatible with this terminal?
    • ⤷ Is there a gold-plated version available for low-voltage signal applications?