công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-G4-R

  • AI
    The **F2VF-G4-R** is a specific electronic component, typically identified as a high-density, high-speed connector within the **Samtec** family (or compatible manufacturer lines). It is primarily used in industrial and telecommunication hardware for board-to-board interfacing. --- ## 1. Component Overview The F2VF-G4-R belongs to the category of **Board-to-Board (BtB)** connectors. These parts are engineered to facilitate the transfer of high-frequency signals between two parallel or perpendicular Printed Circuit Boards (PCBs). ### Technical Specifications | Feature | Description | | :--- | :--- | | **Pitch** | Typically 0.50 mm or 0.80 mm (High Density) | | **Gender** | Female / Socket | | **Orientation** | Vertical / Straight | | **Plating** | Gold Flash (R-type denotes RoHS compliance/Gold plating) | | **Shielding** | Integrated EMI/EMC shielding options | | **Mounting Type** | Surface Mount Technology (SMT) | --- ## 2. Key Electronic Features ### A. High-Speed Signal Integrity The internal contact geometry is optimized for high-speed data protocols such as **PCIe Gen 4/5**, **100GbE**, and **SAS/SATA**. It minimizes "crosstalk" (interference between pins) and "skew" (timing differences). ### B. Ruggedized Design The "G4" designation often refers to a specific generational iteration or a plating thickness code. The "R" usually indicates: * **RoHS Compliance:** Lead-free construction. * **Tape and Reel Packaging:** Ready for automated pick-and-place assembly. ### C. Pin Configuration These connectors usually feature a high pin count (often 40 to 200+ pins) packed into a small footprint, allowing for complex circuit routing in space-constrained devices like blade servers or medical imaging equipment. --- ## 3. Common Applications * **Data Centers:** Connecting CPU modules to backplanes. * **Telecommunications:** 5G base station signal processing boards. * **Aerospace:** Ruggedized communication modules. * **Industrial Automation:** High-resolution sensor interfacing. --- ## 4. Assembly Considerations When working with the F2VF-G4-R, engineers must consider: 1. **Stack Height:** The "mated height" determines the physical gap between the two PCBs. 2. **Coplanarity:** Since it is an SMT part, the flatness of the pins is critical to ensure every pin solders correctly to the PCB pads. 3. **Mating Force:** High-pin-count connectors require significant force to join; alignment pins are usually built into the plastic housing to prevent pin damage.
    ✨ Follow-up Questions
    • ⤷ What is the exact mated height of the F2VF-G4-R when paired with its male counterpart?
    • ⤷ Can you provide the footprint dimensions for PCB layout design?
    • ⤷ Is there a specific soldering profile recommended for this RoHS-compliant connector?