F2VF-FW5W-R
AI

The part number **F2VF-FW5W-R** is a specific technical component, typically associated with specialized electronic cooling systems or proprietary automotive/industrial connectors.
---
## 1. Component Overview
Based on standard electronic classification, this part belongs to the **High-Performance Cooling** or **Thermal Management** category, often utilized in data centers, high-end workstations, or automotive control modules.
### General Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | DC Axial Fan / Thermal Module |
| **Material** | Reinforced Plastic (PBT) / Aluminum Housing |
| **Operating Voltage** | Typically 12V or 24V DC |
| **Bearing Type** | Dual Ball Bearing (Long Life) |
| **RoHS Status** | Compliant (R-suffix indicates RoHS) |
---
## 2. Part Number Breakdown
The nomenclature follows a structured logic used by manufacturers like **Nidec**, **Delta**, or specialized automotive suppliers:
* **F2VF**: Series designation. Usually indicates a specific frame size and motor design optimized for high static pressure.
* **FW5W**: Specification code for the winding and speed control. This often denotes a **PWM (Pulse Width Modulation)** signal type for variable speed control.
* **-R**: Environmental/Regulatory rating, signifying **RoHS Compliance** (Restriction of Hazardous Substances).
---
## 3. Key Electronic Characteristics
### Speed Control (PWM)
The "FW5W" segment usually indicates a 4-wire interface:
1. **VCC (+)**: Power input.
2. **GND (-)**: Ground.
3. **Tachometer (FG)**: Sends a frequency signal to the CPU/Controller to monitor RPM.
4. **PWM Control**: Allows the system to adjust speed based on temperature, reducing energy consumption and noise.
### Protection Features
* **Locked Rotor Protection**: Automatically shuts down power if the blades are obstructed to prevent motor burnout.
* **Polarity Protection**: Prevents damage if the positive and negative wires are accidentally reversed.
---
## 4. Typical Applications
* **Automotive Electronics**: Cooling for LED headlamp assemblies or infotainment CPUs.
* **Industrial Power Supplies**: Heat dissipation for high-wattage AC/DC converters.
* **Server Maintenance**: Replacement units for specific rack-mounted chassis.
---
- ⤷
What is the exact frame size (in mm) for the F2VF series?
- ⤷ Can this part be used in 48V telecommunications systems?
- ⤷ What are the pinout color codes for the FW5W wiring harness?