AI

The **F2VF-D5-R** refers to a high-performance **VGA/Video Integrated Circuit (IC)** or a specific connector assembly often used in professional audio-visual (AV) switching equipment, specifically associated with **Extron Electronics**.
Below is a breakdown of the electronic characteristics and specifications typical of this component series.
---
### 1. General Specifications
The "F2VF" series generally denotes a **Female-to-Female** gender configuration, often used as a signal coupler or internal bridge in matrix switchers and distribution amplifiers.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | 15-pin HD (VGA) |
| **Gender** | Female to Female |
| **Signal Support** | RGBHV, RGBS, RGsB, YUV |
| **Impedance** | 75 Ohms (Standard Video) |
| **Mounting Type** | Panel Mount / PCB Through-hole |
---
### 2. Key Electronic Components & Design
The "D5" variant typically indicates a specific density or pin-out configuration optimized for high-frequency video signals.
* **Shielding:** The outer shell is usually nickel-plated or gold-plated to ensure electromagnetic interference (EMI) suppression.
* **Contact Material:** Phosphor bronze or brass with gold plating over nickel to minimize signal attenuation and oxidation.
* **Dielectric:** High-temperature thermoplastic (UL 94V-0 rated) to prevent arcing and ensure stability under high thermal loads.
* **Termination:** Usually involves a **D-Sub** footprint designed for high-speed data transmission without Ghosting or "ringing" in the video signal.
---
### 3. Pinout Mapping (Standard VGA/High Density)
As a "D5" (15-pin) component, the electronic pathing follows the standard VGA/SVGA protocol:
| Pin | Function | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | Red, Green, Blue | Video Analog Signals |
| 6, 7, 8 | Ground | Return paths for RGB |
| 13 | H-Sync | Horizontal Synchronization |
| 14 | V-Sync | Vertical Synchronization |
| 9, 12, 15 | DDC/EDID | Data communication between Display and Source |
---
### 4. Common Applications
This part is commonly found in:
1. **Matrix Switchers:** Used as the physical interface on the rear I/O panel.
2. **Signal Processors:** Ensuring low-loss transition from internal PCB traces to external cabling.
3. **Custom Wall Plates:** For high-end AV installations requiring 15-pin HD connectivity.
- ⤷
What are the mechanical mounting dimensions for the F2VF series?
- ⤷ Can this component support digital signals like DVI-A?
- ⤷ What is the maximum frequency (MHz) rating for this connector?