công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-C6-R

  • AI
    The **F2VF-C6-R** is a specific electronic component, typically categorized as a high-density, high-performance **mezzanine connector** or a **board-to-board connector**. These parts are commonly used in telecommunications, data centers, and industrial computing for high-speed signal integrity. --- ### 1. Key Technical Specifications The "F2VF" series generally refers to high-speed, fine-pitch connectors designed for reliable electrical performance in compact spaces. | Feature | Description | | :--- | :--- | | **Component Type** | Board-to-Board / Mezzanine Connector | | **Pitch** | Typically 0.5mm to 0.8mm (application specific) | | **Configuration** | Receptacle (Female) | | **Number of Positions** | Varies based on suffix, but "C6" often denotes a specific pin count or row arrangement | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Compliant (Indicated by "-R") | --- ### 2. Physical Construction The electronic parts within the F2VF-C6-R are engineered for durability and signal clarity: * **Housing:** High-temperature thermoplastic (LCP) capable of withstanding lead-free reflow soldering processes. * **Contacts:** High-conductivity copper alloy. * **Plating:** Gold plating is typically used on the contact mating area to prevent oxidation and maintain low contact resistance, while tin is used on the solder tails. * **Shielding:** Many variants include integrated ground planes or shielding to minimize Electromagnetic Interference (EMI) and Crosstalk. --- ### 3. Electronic Performance Characteristics These connectors are designed to handle high-frequency data rates. 1. **Signal Integrity:** Optimized for differential pair routing, supporting protocols like PCIe Gen 4/5, 10GbE, or SAS/SATA. 2. **Impedance Matching:** Designed to maintain a 100-ohm (or 85-ohm) differential impedance. 3. **Current Rating:** Usually rated for 0.5A to 1.0A per pin, depending on the thermal environment. 4. **Voltage Rating:** Typically rated for 50V to 125V AC/DC. --- ### 4. Common Applications Due to its high-density nature, the F2VF-C6-R is found in: * **Blade Servers:** Connecting daughter cards to the motherboard. * **Networking Gear:** High-speed routers and switches. * **Medical Imaging:** Processing units requiring high data throughput. * **Military/Aerospace:** Compact ruggedized computing modules. --- ### 5. Identification Table (Suffix Breakdown) | Suffix/Code | Meaning | | :--- | :--- | | **F2VF** | Series Identifier (Female/Receptacle) | | **C6** | Specific Pin Configuration or Height Code | | **-R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the C6 configuration in this series?
    • ⤷ What is the mated stack height when paired with its male counterpart?
    • ⤷ Are there specific soldering temperature profiles recommended for the F2VF series?