công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-C0-R

  • AI
    The **F2VF-C0-R** is a specific part number belonging to the **F2VF series** of automotive-grade high-voltage fuses, typically manufactured by companies like **Bussmann (Eaton)** or specialized automotive component suppliers. These are primarily used in Electric Vehicle (EV) and Hybrid Electric Vehicle (HEV) systems. --- ### 1. Key Technical Specifications The "F2VF-C0-R" designation usually refers to a high-speed, compact fuse designed for circuit protection in high-voltage DC environments. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | High-Voltage DC Fuse | | **Voltage Rating** | 450V DC - 500V DC (Typical for EV battery packs) | | **Current Rating** | Determined by specific suffix (often 10A to 50A range) | | **Mounting Style** | PCB Mount / Through-hole or Bolt-on | | **Interrupting Rating** | 20kA at 450VDC - 500VDC | | **Standard Compliance** | JASO D622 / ISO 8820-8 | --- ### 2. Physical Construction and Materials The construction of the F2VF series is engineered to handle extreme thermal cycling and vibration found in automotive environments. * **Body Material:** High-grade ceramic or specialized composite housing to withstand high temperatures and prevent arcing. * **Terminals:** Tin-plated copper alloy for high conductivity and corrosion resistance. * **Internal Element:** A precisely calibrated silver or copper-tin alloy link that melts at a specific thermal threshold. * **Arc Quenching:** The interior is often filled with high-purity silica sand to extinguish arcs quickly when the fuse blows. --- ### 3. Application Areas These parts are critical safety components located in several areas of a modern electric vehicle: 1. **On-Board Chargers (OBC):** Protecting the AC/DC conversion circuitry from surges during charging. 2. **DC/DC Converters:** Safeguarding the low-voltage (12V) system from high-voltage battery faults. 3. **Auxiliary Loads:** Protecting electric air conditioning compressors, heaters, and coolant pumps. 4. **PDU (Power Distribution Unit):** Serving as a branch protector for various high-voltage sub-systems. --- ### 4. Part Number Breakdown (General) While specific to the manufacturer, the code generally breaks down as follows: * **F2VF:** Series identifier (Automotive High Voltage). * **C0:** Chassis or Frame size (Physical dimensions). * **R:** Compliance/Packaging indicator (often denotes RoHS compliance or Reel packaging). --- ### 5. Troubleshooting and Replacement If a **F2VF-C0-R** fuse has failed, it is usually indicative of a short circuit in the high-voltage system. ```python # Safety Checklist for F2VF Replacement def safety_check(): steps = [ "Disconnect Main Service Plug (MSD)", "Wait 10 minutes for capacitors to discharge", "Verify 0V with a CAT III/IV Multimeter", "Inspect for soot or thermal damage on the fuse body", "Replace only with the exact same Amperage/Voltage rating" ] return steps ```
    ✨ Follow-up Questions
    • ⤷What is the specific current rating for the C0-R variant?
    • ⤷ Can this fuse be used in AC industrial applications?
    • ⤷ What are the common failure modes for automotive high-voltage fuses?