F2VF-A4W-R
AI

### F2VF-A4W-R: Overview and Technical Details
The **F2VF-A4W-R** is a specific model of a **Mini-DisplayPort to HDMI Adapter**, commonly utilized in professional computing environments, digital signage, and workstation setups to bridge video output interfaces.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Connector** | Mini-DisplayPort (Male) |
| **Output Connector** | HDMI Type A (Female) |
| **Signal Type** | Passive / Active Conversion (Passive typically) |
| **Max Resolution** | 1080p (1920 x 1080) @ 60Hz |
| **Audio Support** | Yes (Compressed & Uncompressed) |
| **Color** | White |
---
### 2. Electronic Components & Internal Architecture
While this is a plug-and-play adapter, the internal PCB (Printed Circuit Board) contains several critical electronic parts to manage signal integrity:
* **Level Shifter IC:** Because Mini-DisplayPort and HDMI use different signaling voltages (DisplayPort uses LVDS-like signals, while HDMI uses TMDS), a level shifter chip is used to adjust the voltage levels so the HDMI monitor can read the data.
* **EEPROM:** A small memory chip that stores the **EDID** (Extended Display Identification Data). This allows the source device (PC/Laptop) to communicate with the monitor to determine supported resolutions and refresh rates.
* **Filter Capacitors:** Small surface-mount capacitors used to reduce electromagnetic interference (EMI) and ensure a clean power supply to the internal ICs.
* **Gold-Plated Contacts:** To prevent oxidation and ensure low-resistance connectivity over time.
---
### 3. Functional Pinout Mapping
The conversion involves mapping the DisplayPort lanes to HDMI channels. Below is a simplified representation of how the electronic signals are routed:
| Mini-DP Pin | Signal Type | Corresponding HDMI Pin |
| :--- | :--- | :--- |
| ML_Lane 0 | Main Link Data | TMDS Data 2 |
| ML_Lane 1 | Main Link Data | TMDS Data 1 |
| ML_Lane 2 | Main Link Data | TMDS Data 0 |
| AUX Channel | Auxiliary Data | DDC Clock/Data |
| HPD | Hot Plug Detect | Hot Plug Detect |
---
### 4. Common Use Cases
* **Apple Hardware:** Connecting older MacBooks, MacBook Pro, or iMacs (pre-USB-C era) to modern TVs.
* **Surface Pro Devices:** Connecting Microsoft Surface tablets to projectors.
* **Enterprise Workstations:** Enabling multi-monitor setups on graphics cards like the NVIDIA Quadro or AMD FirePro series that utilize Mini-DP outputs.
- ⤷Does the F2VF-A4W-R support 4K resolution or only 1080p?
- ⤷ Is this adapter 'Active' or 'Passive'
- ⤷ and why does it matter for multi-monitor setups?
- ⤷ What is the difference between Mini-DisplayPort and Thunderbolt 2 in the context of this adapter?