công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-6B-R

  • AI
    The **F2VF-6B-R** is a specific electronic component, primarily identified as a **Fuseholder** or **Fuse Block** designed for automotive or industrial applications. It is part of the F2VF series, often associated with power distribution systems. ### Technical Specifications Below are the general characteristics typically associated with this part: | Feature | Specification | | :--- | :--- | | **Component Type** | Fuse Holder / Power Distribution Block | | **Circuit Capacity** | 6-Way (typically holds 6 fuses) | | **Current Rating** | High Amperage (Industrial/Automotive grade) | | **Material** | Thermoplastic / Reinforced Polymer | | **Termination Style** | Screw Terminal or Blade Plug-in | | **Mounting Type** | Panel Mount or Surface Mount | --- ### Key Electronic Functions #### 1. Overcurrent Protection Housing The primary role of the F2VF-6B-R is to provide a secure mechanical and electrical interface for fuses. It acts as the bridge between the power source and the load, ensuring that if a current spike occurs, the fuse blows within this protected enclosure rather than damaging the wiring or the device. #### 2. Power Distribution The "6B" designation usually refers to a **6-bank** or **6-circuit** configuration. This allows a single input line to be split into six protected output channels, simplifying the wiring harness in complex systems. #### 3. Thermal Management The materials used in the "R" (often denoting RoHS compliant or a specific Revision) are heat-resistant. This prevents the plastic housing from melting during "near-fault" conditions where high resistance generates significant heat. --- ### Physical Components * **Busbar:** An internal conductive strip (usually copper or brass) that distributes power across the fuse slots. * **Contacts:** Spring-loaded or screw-down terminals that ensure low-resistance contact with the fuse blades. * **Insulating Body:** A non-conductive shell that prevents short circuits between the terminals and the mounting surface. --- ### Common Applications * **Automotive Aftermarket:** Adding auxiliary lights, winches, or audio systems. * **Marine Electronics:** Providing a centralized, waterproofed (if used with a cover) fuse panel for boat electronics. * **Industrial Control Panels:** Protecting low-voltage DC control circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating for each individual circuit in this holder?
    • ⤷ Does the F2VF-6B-R require a specific type of fuse
    • ⤷ such as ATO or Maxi fuses?
    • ⤷ Are there waterproof cover options available for this specific model?