F2VF-5W1-R
AI

Based on the part number **F2VF-5W1-R**, this component is a **Fixed Wirewound Resistor** typically manufactured by companies like **Royalohm** or similar electronic component providers.
Below is a detailed breakdown of its specifications and electronic characteristics.
### 1. Part Number Deciphering
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **F2V** | Series/Type | Cement-type Flame-proof Wirewound Resistor (Vertical mount) |
| **5W** | Power Rating | 5 Watts of continuous power dissipation |
| **1-R** | Resistance Value | 1.0 $\Omega$ (Ohm) |
---
### 2. Technical Specifications
This component is designed for high-power applications where heat dissipation and stability are critical.
* **Resistance:** $1 \Omega$
* **Tolerance:** Typically $\pm 5\%$ (Standard for J-type)
* **Power Rating:** 5 Watts at $70^\circ C$
* **Construction:**
* **Core:** High-grade ceramic (Alumina).
* **Element:** Resistive alloy wire wound around the core.
* **Encapsulation:** Housed in a rectangular ceramic (cement) case and sealed with inorganic flame-proof silica.
* **Mounting Style:** Through-hole, Radial (Vertical) lead orientation.
---
### 3. Key Electronic Properties
#### A. Power Dissipation
The "5W" rating indicates the maximum power the resistor can handle. Using Ohm's Law ($P = I^2 \times R$), at $1 \Omega$, this resistor can handle approximately **2.23 Amps** of current before exceeding its power rating.
#### B. Flame-proof Characteristics
The cement housing ensures that if the resistor fails due to a massive overload, it will not catch fire or emit sparks, protecting the rest of the PCB.
#### C. Temperature Coefficient
Wirewound resistors generally have a low Temperature Coefficient of Resistance (TCR), meaning the resistance value stays relatively stable even as the component heats up.
---
### 4. Common Applications
Due to its low resistance and high power capacity, the **F2VF-5W1-R** is commonly used for:
* **Current Sensing:** Measuring current in power supplies.
* **Voltage Division:** High-power voltage divider circuits.
* **Inrush Current Limiting:** Protecting circuits from sudden spikes during startup.
* **Audio Equipment:** Used in crossover networks for speakers.
- ⤷
What are the physical dimensions of the F2VF series 5W housing?
- ⤷ How does a cement resistor compare to a metal film resistor in terms of noise?
- ⤷ What is the derating curve for this resistor at temperatures above 70°C?