F2VF-33-R/Q
AI

The part number **F2VF-33-R** or **F2VF-33-Q** typically refers to a **Power Inductor** (Surface Mount Device - SMD) commonly used in automotive and industrial electronics. These components are often manufactured by companies like **Coilcraft** or similar automotive-grade magnetics suppliers.
---
### 1. Component Overview
These are high-current, shielded inductors designed for high-frequency DC-DC converters. The suffix (**-R** or **-Q**) usually denotes the packaging type (Tape and Reel) or specific tolerance/performance grades.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor (SMD) |
| **Shielding** | Magnetically Shielded (prevents EMI interference) |
| **Application** | DC-DC Converters, VRMs, Automotive Infotainment |
| **Standard Compliance** | Often AEC-Q200 (Automotive Grade) |
---
### 2. Technical Specifications
While exact values depend on the full alphanumeric code (which usually includes an inductance value), the series generally follows these parameters:
* **Inductance Range:** Typically ranges from $0.1 \mu H$ to $100 \mu H$.
* **Current Rating:** Designed for high saturation currents ($I_{sat}$) to handle power spikes without the core losing magnetic properties.
* **DC Resistance (DCR):** Optimized to be extremely low to minimize power loss and heat generation.
* **Operating Temperature:** Generally rated for $-40^\circ C$ to $+125^\circ C$ or higher.
---
### 3. Key Electronic Functions
1. **Energy Storage:** Stores energy in a magnetic field during the "on" cycle of a switching regulator.
2. **Filtering:** Works with capacitors to smooth out output voltage ripples in power supplies.
3. **EMI Suppression:** The shielded construction ensures that magnetic flux remains contained, preventing interference with sensitive nearby components like sensors or microcontrollers.
---
### 4. Typical Applications
* **Automotive Systems:** LED lighting drivers, ADAS modules, and Engine Control Units (ECUs).
* **Industrial:** High-efficiency point-of-load (POL) converters.
* **Consumer Electronics:** Power management in laptops or high-end servers.
---
- ⤷
What is the specific inductance value for the F2VF-33-R variant?
- ⤷ How does magnetic shielding in this inductor reduce EMI in automotive circuits?
- ⤷ What are the footprint dimensions for the F2VF series?