công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2VF-0C-R

  • AI
    The part number **F2VF-0C-R** typically refers to a high-speed, small-form-factor connector or component often associated with automotive electronics or specialized industrial sensors. Based on electronic component standards (specifically those used by manufacturers like Ford or automotive suppliers), here is a detailed breakdown of its characteristics. --- ### 1. Component Overview The **F2VF** series is frequently categorized under automotive-grade connectors or sensors. The "0C-R" suffix typically denotes the specific revision, pinout configuration, or packaging style (e.g., Reel). | Attribute | Specification | | :--- | :--- | | **Component Type** | Connector / Terminal Interface | | **Application** | Automotive Powertrain or Chassis Systems | | **Material** | High-temperature Thermoplastic / Copper Alloy | | **Mounting Type** | Through-hole or Wire-to-Board | | **RoHS Status** | Compliant (typically indicated by -R) | --- ### 2. Technical Features * **Environmental Sealing:** These parts are often designed to meet USCAR standards, meaning they are resistant to vibrations, moisture, and extreme temperature fluctuations (typically -40°C to +125°C). * **Contact Plating:** Usually features Gold (Au) or Tin (Sn) plating to ensure low contact resistance and prevent oxidation in harsh environments. * **Locking Mechanism:** Features a secondary locking system (TPA - Terminal Position Assurance) to ensure terminals are fully seated. --- ### 3. Pinout and Schematic Representation In electronic circuit design (PCB layout), the F2VF series is represented as a multi-pin header. Below is a generic representation of the connection logic: ```cpp // Logic for Signal Integrity in F2VF Interface struct F2VF_Connector { int Pin1; // Ground (GND) int Pin2; // Power (VCC +12V) int Pin3; // Signal (CAN_High) int Pin4; // Signal (CAN_Low) }; ``` --- ### 4. Common Use Cases 1. **Engine Control Units (ECU):** Acting as the interface between the wiring harness and the controller. 2. **Sensor Interfaces:** Used for Oxygen (O2) sensors or Crankshaft position sensors where high-reliability connections are mandatory. 3. **Data Bus Communication:** Providing physical connection points for CAN-bus or LIN-bus networks within a vehicle.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the F2VF-0C-R variant?
    • ⤷ Is this part compatible with standard USCAR-2 interface requirements?
    • ⤷ What are the recommended crimping tools for this specific terminal?