F2TS-82-R/K
AI

The **F2TS-82-R/K** is a specialized precision electronic component, typically categorized as a **Surface Mount Device (SMD) Temperature Compensated Crystal Oscillator (TCXO)** or a high-precision resonator filter, depending on the specific manufacturer's series (commonly associated with brands like NDK or Taitien).
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Technical Specifications
This component is designed for high-stability frequency control in communication devices.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator / Filter |
| **Standard Frequency** | Varies by sub-model (often 10MHz to 40MHz range) |
| **Frequency Tolerance** | ±0.5 ppm to ±2.0 ppm |
| **Supply Voltage** | 1.8V to 3.3V DC |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | Approx. 2.0 x 1.6 mm or 2.5 x 2.0 mm |
---
### 2. Suffix Meanings (-R/K)
The suffixes in electronic part numbers usually denote specific packaging or performance variations:
* **-R**: Generally stands for **Tape & Reel** packaging, indicating the part is supplied on a reel for automated pick-and-place assembly lines.
* **-K**: Often refers to a specific **Tolerance Grade** or a specialized **Temperature Range** (e.g., Extended Industrial).
---
### 3. Key Internal Components
The "F2TS" series architecture generally consists of three main electronic stages:
1. **Quartz Crystal Blank**: The heart of the part, precision-cut to vibrate at a specific frequency.
2. **Compensation Circuit**: An internal thermistor network or an integrated circuit (IC) that adjusts the capacitance to counteract frequency drift caused by temperature changes.
3. **Output Buffer**: A CMOS or Clipped Sine Wave output stage that ensures the signal can drive the next stage of the circuit without degradation.
---
### 4. Common Applications
Due to its high stability and small footprint, this part is found in:
* **GPS/GNSS Modules**: Requires high precision for satellite synchronization.
* **Smartphones**: Used for clocking RF transceivers.
* **IoT Devices**: Low power consumption and small size are critical for battery-operated sensors.
---
### 5. Equivalent Circuit Diagram
While internal to the SMD package, the logical representation follows this structure:
```mermaid
graph LR
A[Voltage In] --> B[Voltage Regulator]
B --> C[Temp Compensation IC]
C --> D[Quartz Resonator]
D --> E[Output Buffer]
E --> F[Frequency Out]
```
---
- ⤷
What is the exact frequency of your specific F2TS-82-R/K unit?
- ⤷ Do you need the pinout diagram for this SMD package?
- ⤷ Are you looking for a drop-in replacement or second-source alternative?