F2TS-80-R/Q
AI

The **F2TS-80-R/Q** is a high-performance, programmable crystal oscillator (SPXO) typically associated with timing and frequency control applications. It is designed to provide high-frequency stability in a compact form factor.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of this component series:
| Parameter | Typical Specification |
| :--- | :--- |
| **Output Frequency** | 1.0 MHz to 125.0 MHz (Programmable) |
| **Supply Voltage (Vcc)** | 1.8V, 2.5V, or 3.3V (Model dependent) |
| **Frequency Stability** | ±25ppm, ±50ppm, or ±100ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Output Load** | 15 pF (CMOS) |
| **Current Consumption** | 10mA - 25mA (Depending on frequency) |
| **Package Size** | 7.0 x 5.0 mm or 5.0 x 3.2 mm (Standard SMD) |
---
### 2. Functional Components
The "F2TS-80" architecture consists of several internal electronic stages:
1. **Phase-Locked Loop (PLL) IC:** Unlike fixed crystals, the "R/Q" variants often use a PLL to multiply or divide a base reference frequency to reach the specific target output.
2. **AT-Cut Quartz Crystal:** The internal physical resonator that provides the base mechanical vibration.
3. **CMOS Output Driver:** Ensures the signal has sharp rise/fall times and is compatible with standard logic levels (High/Low).
4. **Tri-state Function (OE):** Pin 1 usually supports an "Output Enable" function, allowing the oscillator to enter a high-impedance state to save power.
---
### 3. Part Number Breakdown (Nomenclature)
While coding varies by manufacturer (often Fox Electronics or similar timing specialists), the suffix usually denotes:
* **R:** Refers to specific packaging (e.g., Tape & Reel).
* **Q:** Often indicates **Automotive Grade** (AEC-Q200 qualification) or a specific frequency tolerance/stability tier.
* **80:** Generally refers to the package size or a specific frequency series (80 MHz base or specific 7x5mm footprint).
---
### 4. Implementation Example
To integrate this part into a digital circuit, a standard decoupling capacitor is required:
```c
// Circuit Connectivity Guidelines:
// Pin 1: OE (Output Enable) -> Connect to VCC for active output
// Pin 2: GND -> System Ground
// Pin 3: Output -> Connect to MCU Clock Input
// Pin 4: VCC -> 0.1uF Bypass Capacitor to Ground
```
- ⤷
What are the specific jitter performance metrics for the F2TS-80 series?
- ⤷ Can this oscillator be used in AEC-Q200 automotive applications?
- ⤷ What is the difference between the 'R' and 'Q' suffixes regarding frequency stability?