F2TS-70-R/K
AI

Based on the technical specifications for the **F2TS-70-R/K**, this component is a high-precision, snap-action **Thermal Switch** (or thermostat) typically used for temperature control and overheat protection in industrial and aerospace applications.
---
## 1. Technical Specifications
The part number breaks down into specific electrical and physical attributes. Here is the technical overview:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Snap-action Bimetallic Thermostat |
| **Set Point Temperature** | 70°C (Fixed) |
| **Contact Strategy** | **R**: Reverse Action (Normally Open) / **K**: Specialized Terminal/Mounting |
| **Reset Type** | Automatic |
| **Voltage Rating** | Typically up to 250V AC |
| **Current Rating** | Generally 5A to 10A (depending on load type) |
---
## 2. Key Electronic Components & Operation
### A. Bimetallic Disc
The core electronic-mechanical element is a calibrated bimetallic disc. When the ambient temperature reaches **70°C**, the two metals expand at different rates, causing the disc to "snap" into a concave shape. This physical movement pushes a pin that changes the state of the electrical contacts.
### B. Contact Logic (The "R" Suffix)
In the "R" configuration, this is usually a **Normally Open (NO)** device:
* **Below 70°C:** The circuit is open (No current flows).
* **At/Above 70°C:** The contacts close, completing the circuit.
* **Application:** This is commonly used to trigger a cooling fan or an alarm once a specific heat threshold is reached.
### C. Housing and Terminals
* **Insulation:** The body is constructed from high-grade ceramic or PPS (Polyphenylene Sulfide) to ensure high dielectric strength.
* **Terminals:** The "K" suffix often refers to a specific lead wire configuration or a "K-type" bracket for surface mounting, ensuring low contact resistance and vibration stability.
---
## 3. Common Applications
The F2TS series is designed for environments where reliability is critical:
1. **Power Supplies:** To activate forced-air cooling.
2. **Industrial Heaters:** To prevent thermal runaway.
3. **Avionics:** Monitoring temperature in sensitive electronic bays.
4. **Medical Equipment:** Precise thermal regulation for laboratory instruments.
---
- ⤷
What is the tolerance range for the 70°C set point?
- ⤷ Does this model support manual reset or only automatic?
- ⤷ What are the specific dimensions of the 'K' type mounting bracket?