F2TS-65-R/Q
AI

The **F2TS-65-R/Q** refers to a high-performance **Thermal Trip Switch (Thermal Protector)**, typically utilized in industrial automation, power electronics, and motor protection. It is designed to interrupt an electrical circuit when the temperature reaches a specific threshold.
---
### 1. Key Technical Specifications
| Parameter | Specification (Standard) |
| :--- | :--- |
| **Model Series** | F2TS |
| **Trip Temperature** | 65°C |
| **Contact Type** | Normally Closed (NC) - Opens on Temp Rise |
| **Voltage Rating** | AC 250V / DC 24V (typical) |
| **Current Rating** | 5A to 10A (Model dependent) |
| **Suffix "R/Q"** | Refers to lead wire type and terminal orientation |
---
### 2. Functional Components
The device operates on a **Bimetallic Disc** principle. Here are the internal electronic/mechanical parts:
1. **Bimetal Disc:** The sensing element composed of two metals with different expansion coefficients. At 65°C, the disc snaps to an inverted shape.
2. **Contact Points:** Usually silver-plated or gold-clad to ensure low electrical resistance and prevent oxidation.
3. **Insulating Case:** Typically made of high-temperature PPS (Polyphenylene Sulfide) or ceramic to withstand thermal stress.
4. **Terminal Leads:**
* **R/Q Specification:** Often indicates specific mounting styles, such as "Radial" or "Quick-connect" terminals, allowing for integration onto PCBs or via wire harnesses.
---
### 3. Application Use Cases
* **Motor Protection:** Embedded in motor windings to prevent burnout due to overheating.
* **Power Supplies:** Acts as a secondary safety layer for high-wattage AC/DC converters.
* **Battery Packs:** Monitors cell temperature during rapid charging cycles.
* **HVAC Systems:** Used as a limit switch for small heating elements.
---
### 4. Circuit Diagram Representation
In a standard circuit, the F2TS-65 is placed in series with the load or the coil of a contactor.
```mermaid
graph LR
A[Power Source] --> B[F2TS-65-R/Q]
B -- "Closed < 65°C" --> C[Load/Motor]
B -- "Open > 65°C" --> D[Circuit Broken]
```
- ⤷
What is the difference between the R and Q suffixes in terms of physical mounting?
- ⤷ Does this model support automatic reset or manual reset?
- ⤷ What is the maximum current capacity for the F2TS series at 250VAC?