AI

The **F2TS-2E-R/BL** belongs to a specific series of industrial control switches, typically categorized as a **Foot Switch** (Pedal Switch). These components are designed to provide hands-free operation for machinery, ensuring both ergonomic efficiency and safety in industrial environments.
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
The model number usually indicates specific features regarding the number of stages, contact arrangement, and protective shielding.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Foot Switch | Heavy-duty pedal-actuated switch. |
| **Contact Configuration** | 2E (2 NO / 2 NC) | Double-pole, double-throw equivalent; 2 normally open and 2 normally closed contacts. |
| **Action Type** | Momentary / Alternate | Usually momentary (spring return) unless specified as latching. |
| **Color Coding** | BL (Blue) | Indicates the color of the housing or the pedal. |
| **Protection** | R (Reset/Shield) | Often denotes a protective cover (guard) to prevent accidental activation. |
| **Material** | Aluminum Alloy / Plastic | Typically a rugged die-cast aluminum housing for industrial durability. |
---
### 2. Key Electronic Components
Inside the housing, the F2TS series utilizes high-precision microswitches to handle electrical loads.
* **Microswitch Assembly:** The core electronic part is a snap-action microswitch. When the pedal is pressed, a mechanical lever triggers the switch contacts.
* **Terminal Block:** Internal screw terminals allow for secure wiring of high-gauge industrial cables.
* **Rating:** Typically rated for **10A to 15A at 250VAC**, making them suitable for direct motor control or PLC (Programmable Logic Controller) signaling.
* **Earthing/Grounding:** Includes a dedicated internal grounding screw to prevent electric shock from the metallic casing.
---
### 3. Application and Usage
These switches are used in environments where an operator needs their hands free to manipulate workpieces.
1. **Safety Interlocks:** Used as an "Emergency Stop" or "Dead Man's Switch" in pressing or cutting machines.
2. **Medical Equipment:** Controlling dental chairs or imaging beds.
3. **Manufacturing:** Operating soldering stations, sewing machines, or assembly line conveyors.
---
### 4. Circuit Diagram Representation
In a standard wiring setup, the 2E configuration allows for two separate circuits to be controlled simultaneously:
```mermaid
graph LR
Input1[Line 1] --> COM1[Common 1]
COM1 --> NO1[Normally Open 1 - Load A]
COM1 --> NC1[Normally Closed 1 - Indicator]
Input2[Line 2] --> COM2[Common 2]
COM2 --> NO2[Normally Open 2 - Load B]
COM2 --> NC2[Normally Closed 2 - Safety Loop]
```
---
- ⤷
What is the IP (Ingress Protection) rating for the F2TS series?
- ⤷ Can this switch be used for DC voltage applications?
- ⤷ How does the 'R' suffix specifically change the mechanical design?