F2TS-24-R/Q
AI

The **F2TS-24-R/Q** is a specific model of an industrial **Foot Switch** (often categorized under electromechanical components). These devices are used as hands-free control mechanisms for machinery, medical equipment, and industrial automation.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic and physical attributes for this specific series:
| Parameter | Specification |
| :--- | :--- |
| **Model** | F2TS-24-R/Q |
| **Rated Voltage** | 24V DC / 250V AC (Standard operation) |
| **Contact Current** | Typically 10A to 15A (Depending on load type) |
| **Contact Configuration** | 1NO + 1NC (1 Normally Open + 1 Normally Closed) |
| **Action Type** | Momentary (Spring Return) |
| **Material** | Aluminum Die-cast or Heavy-duty Plastic |
| **Protection Rating** | IP65 / IP67 (Water and Dust resistant) |
---
### 2. Electronic Components & Internal Mechanism
The device is composed of several key electronic and mechanical parts that allow it to function as a switch:
* **Micro Switch:** The core electronic component. When the pedal is pressed, it triggers a high-precision micro switch inside. This switch handles the actual opening and closing of the electrical circuit.
* **Terminal Block:** Located inside the housing, these are the screw-type connectors where the external wiring (Power and Load) is attached.
* **Built-in Resistor/Indicator (Optional "Q" Suffix):** In many "Q" variants, there is a built-in LED indicator or a specific wiring configuration for feedback to a PLC (Programmable Logic Controller).
* **Grounding Screw:** A safety feature to prevent electric shock by grounding the metal chassis.
---
### 3. Part Suffix Breakdown
The alphanumeric code provides specific details about the configuration:
* **F2:** Refers to the series/frame size (usually double-pedal or specific footprint).
* **TS:** Often indicates "Twin Switch" or a specific Toggle/Step mechanism.
* **24:** Generally indicates the rated control voltage (24V) or a size designator.
* **R:** Usually stands for **Reset** type (Momentary action).
* **Q:** Often denotes a **Quick-connect** terminal or a specific **Indicator Light** integration.
---
### 4. Circuit Diagram Logic
The wiring logic typically follows a standard Change-over (SPDT) format:
```mermaid
graph LR
Common[Common Terminal] -->|Unpressed| NC[Normally Closed]
Common -->|Pressed| NO[Normally Open]
```
---
- ⤷
What is the difference between Momentary and Latching action in this model?
- ⤷ Can the F2TS-24-R/Q be used with a 220V AC motor directly?
- ⤷ How do I wire the 'Q' indicator light for status feedback?