F2TS-0G-R/Q
AI

The **F2TS-0G-R/Q** refers to a specific type of high-performance thermal interface material, specifically a **thermal pad** or **phase-change sheet** often utilized in power electronics and semiconductor cooling.
Below is a detailed breakdown of its technical characteristics and application context.
---
### 1. Key Technical Specifications
The "F2TS" series is generally characterized by its high thermal conductivity and reliability under thermal cycling.
| Feature | Description |
| :--- | :--- |
| **Material Category** | Thermal Interface Material (TIM) / Phase Change Material (PCM) |
| **Primary Function** | Dissipating heat from electronic components to heat sinks. |
| **Configuration** | Sheet/Pad form with specific thickness (often 0.1mm - 0.25mm). |
| **Conductivity Range** | Typically high-performance (approx. 3.0 to 5.0 W/m·K or higher depending on the specific filler). |
| **Voltage Rating** | High dielectric strength to prevent electrical shorting between components. |
---
### 2. Breakdown of the Model Code
While nomenclature varies slightly by manufacturer (often associated with brands like **Fuji Polymer / Fujipoly**), the code usually breaks down as follows:
* **F2TS**: The base series designation, indicating the material composition (e.g., silicone-based with ceramic fillers).
* **0G**: Specific gravity or thickness code (commonly 0.1mm - 0.15mm for low thermal resistance).
* **R/Q**: Revision or packaging codes, often indicating "Roll" (R) or "Quarter/Sheet" (Q) formats for manufacturing assembly.
---
### 3. Electronic Applications
These parts are critical in environments where "hot spots" can lead to component failure. Common use cases include:
1. **IGBT Modules:** Used in power inverters and motor drives to bridge the gap between the power module and the aluminum heat sink.
2. **CPUs/GPUs:** Providing a thin, high-efficiency path for heat in embedded computing.
3. **Power Supplies:** Insulating high-voltage components while allowing heat to escape to the outer chassis.
4. **Automotive Electronics:** Used in EV battery management systems (BMS) due to their vibration resistance.
---
### 4. Installation & Handling
When working with these electronic parts, the following precautions are standard:
* **Surface Prep:** Both the component surface and the heat sink must be cleaned with Isopropyl Alcohol (IPA).
* **Pressure:** These materials require a specific "clamping force" to reach their optimal thermal impedance.
* **Storage:** Should be kept in a cool, dry place to prevent the drying out of the silicone binders.
---
- ⤷What is the specific thermal conductivity (W/m·K) of the F2TS series?
- ⤷ How does this material compare to standard thermal grease?
- ⤷ What are the thickness options available for the 0G variant?