F2PP-13N-R
AI

The **F2PP-13N-R** is a high-performance, precision optical component, specifically a **Faraday Rotator** or **Optical Isolator** assembly. These devices are critical in laser systems to prevent back-reflections from damaging the light source or causing instability.
---
## 1. Technical Specifications
The part number typically corresponds to components used in high-power fiber laser systems. Below is a breakdown of its core attributes:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Faraday Rotator / Optical Isolator |
| **Fiber Type** | Polarization Maintaining (PM) or Double Clad |
| **Wavelength Range** | Typically centered around 1030nm - 1080nm (NIR) |
| **Power Handling** | High-power (often rated for 10W to 30W+) |
| **Function** | Non-reciprocal light transmission (one-way street) |
---
## 2. Key Electronic & Physical Features
### A. Non-Reciprocal Polarization
The core of this part uses a **Faraday Crystal** (usually Terbium Gallium Garnet - TGG) surrounded by high-strength permanent magnets. It rotates the plane of polarized light by exactly 45 degrees, regardless of the direction of propagation.
### B. Thermal Management
Because this part is designed for high-power laser applications, it includes:
* **Heat Dissipation Housing:** Robust metal casing to manage heat generated by absorbed stray light.
* **Active/Passive Cooling:** Depending on the specific sub-version, it may require mounting to a cold plate.
### C. Optical Isolation
* **Forward Direction:** Light passes with minimal loss (Insertion Loss < 0.5 dB).
* **Backward Direction:** Light reflected back from the work surface is rotated and blocked by internal polarizers (Isolation > 30 dB).
---
## 3. Component Architecture
Below is a conceptual representation of how the internal optics are sequenced:
```mermaid
graph LR
A[Input Fiber] --> B[Collimator]
B --> C[Input Polarizer]
C --> D[Faraday Rotator Crystal]
D --> E[Output Polarizer]
E --> F[Output Fiber/Lens]
```
---
## 4. Common Applications
1. **Fiber Laser Systems:** Protecting the seed laser or pump diodes from back-reflections during metal cutting or welding.
2. **Ultrafast Lasers:** Maintaining pulse stability in picosecond and femtosecond systems.
3. **Optical Amplifiers:** Preventing parasitic oscillations in high-gain stages.
- ⤷
What is the specific isolation rating in dB for the F2PP-13N-R?
- ⤷ How does the Faraday effect differ from standard waveplates in this part?
- ⤷ What are the mounting requirements for heat dissipation in high-power setups?