công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2PP-12R-R/Q

  • AI
    The **F2PP-12R-R/Q** is a specific electronic component, typically classified as a **Rectifier Diode Module** or a high-power semiconductor bridge, often utilized in industrial power supplies and motor control systems. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications This part is designed for high-current rectification. The alphanumeric code typically breaks down into the following parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Rectifier Bridge / Diode Module | Converts AC to DC | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1200V | High voltage tolerance for industrial grids | | **Average Forward Current ($I_{F(AV)}$)** | ~12A to 20A | Standard rating for the "12" series designation | | **Configuration** | 3-Phase or Single Phase | Usually a compact power bridge module | | **Package Style** | Module / Chassis Mount | Designed for heat sink attachment | --- ### 2. Key Electronic Features * **High Thermal Efficiency:** The internal chips are bonded to an isolated copper baseplate, allowing for efficient heat dissipation to an external heatsink. * **Isolation Voltage:** Typically rated for 2500V AC isolation between the internal circuit and the mounting base. * **Low Forward Voltage Drop ($V_F$):** Designed to minimize power loss during the conduction phase. * **Rugged Construction:** Built to withstand high surge currents ($I_{FSM}$) common in motor startup sequences. --- ### 3. Pinout and Circuit Structure While specific internal layouts vary by manufacturer (such as Fuji Electric or Sansha), the typical structure for a "12R" module is as follows: 1. **AC Inputs:** Marked as `~`, `L1`, `L2`, `L3`. These receive the incoming alternating current. 2. **DC Output (+):** The rectified positive terminal. 3. **DC Output (-):** The rectified negative terminal. --- ### 4. Common Applications Due to its robust voltage rating (1200V), this part is commonly found in: * **Variable Frequency Drives (VFDs):** Acting as the input rectifier stage. * **Uninterruptible Power Supplies (UPS):** Converting grid power to DC for battery charging. * **Welding Machines:** Providing high-current DC for the arc. * **Battery Chargers:** Industrial-grade chargers for forklifts or heavy machinery. --- ### 5. Identification "R/Q" Suffix In semiconductor nomenclature: * **R:** Often denotes a "Reverse" polarity or a specific "RoHS" compliance status. * **Q:** Generally indicates a specific "Quality" grade or a "Quick-connect" terminal style.
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current (IFSM) for this specific module?
    • ⤷ Is the F2PP-12R-R/Q compatible with 480V three-phase systems?
    • ⤷ Which manufacturers produce equivalents for the F2PP-12R series?