F2PP-11R-R
AI

The **F2PP-11R-R** is a specific part number belonging to the **F2PP series** of miniature power relays, typically manufactured by companies like **Fujitsu** (or Takamisawa). These relays are widely used in industrial automation, consumer electronics, and automotive interfaces.
---
### 1. Technical Specifications Table
Below are the primary electronic characteristics of the F2PP-11R-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Coil Voltage** | Typically 12V or 24V DC (Model dependent) |
| **Rated Load** | 5A to 10A at 250VAC / 30VDC |
| **Contact Material** | Silver Alloy (often Gold-plated for low signals) |
| **Mounting Type** | PCB Through-Hole |
| **Terminal Pitch** | Standard DIP layout |
| **Environmental** | Flux-proof or Washable (Sealed) |
---
### 2. Breakdown of Part Components
The part number "F2PP-11R-R" provides specific information about its internal construction:
* **F2PP Series:** Refers to the physical frame size and "Flat" or "Power" profile, designed for high-density PCB mounting.
* **Contact Arrangement:** The "11" usually denotes a single-pole configuration.
* **R - Sensitivity:** Often indicates a "High Sensitivity" coil, meaning the relay requires less power (lower milliamps) to trigger the electromagnetic switch.
* **R - Packaging/RoHS:** The final "R" usually indicates compliance with RoHS standards or specific tape-and-reel/tube packaging for automated assembly.
---
### 3. Key Electronic Functions
#### A. The Coil (Input Side)
The coil is the "actuator" of the relay. When a DC current passes through the copper winding, it creates a magnetic field. Because this specific model is often "High Sensitivity," it allows the relay to be driven directly by smaller transistors or integrated circuits without overheating.
#### B. The Contacts (Output Side)
The contacts are designed to handle high-power loads while maintaining low contact resistance.
* **Arcing Protection:** The material is chosen to minimize "pitting" when switching inductive loads.
* **Isolation:** There is a high dielectric strength between the coil and the contacts (usually >2,000V), ensuring the control circuit (low voltage) is safe from the load circuit (high voltage).
---
### 4. Typical Applications
* **Smart Home:** Controlling light switches or smart plugs.
* **Industrial:** PLC (Programmable Logic Controller) output modules.
* **Appliances:** Turning on heating elements in coffee makers or dishwashers.
- ⤷What is the exact coil resistance for the 12V version of this relay?
- ⤷ Can this relay be used for switching AC inductive loads like motors?
- ⤷ What are the physical dimensions for PCB footprint planning?