công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • F2DY-24A-R

  • AI
    ## Technical Overview of the F2DY-24A-R The **F2DY-24A-R** is a specific electronic component typically identified as a **High-Sensitivity Polarized Relay**. These components are frequently used in telecommunications, industrial automation, and signal switching applications due to their low power consumption and high reliability. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Polarized Relay (Electromagnetic) | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Nominal Voltage** | 24V DC | | **Contact Rating** | 1A at 30V DC / 0.5A at 125V AC | | **Terminal Type** | PCB Through-hole | | **Coil Power** | Approx. 150mW - 200mW (Low Power) | | **Mounting Style** | Through-hole (DIP style) | --- ### 2. Functional Components To understand the "electronic parts" within this device, we look at the internal construction: * **The Coil (Actuator):** A 24V DC electromagnetic coil. When energized, it creates a magnetic field. Because it is **polarized**, it uses a permanent magnet in conjunction with the electromagnet to improve sensitivity and reduce power consumption. * **The Contacts:** The F2DY series uses gold-clad silver alloy contacts. The gold plating ensures low contact resistance, which is critical for low-level signal switching (telecom). * **The Armature:** A moving metal piece that responds to the magnetic field, physically shifting the contacts from the "Normally Closed" (NC) position to the "Normally Open" (NO) position. --- ### 3. Pinout and Circuit Representation A standard 2 Form C relay like the F2DY-24A-R typically follows a specific pin layout. Below is a logic representation: ```text +-------------------+ (Coil) | 1 8 | (Coil) | | (COM1) | 2 7 | (COM2) | | (NC1) | 3 6 | (NC2) | | (NO1) | 4 5 | (NO2) +-------------------+ ``` --- ### 4. Applications * **Telecommunications:** Used for line switching and signal routing. * **Measurement Equipment:** High sensitivity makes it ideal for precision testing tools. * **Security Systems:** Control circuits for alarms and sensors. * **Consumer Electronics:** Power management in standby modes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a polarized and a non-polarized relay?
    • ⤷ Can this relay be driven directly by a microcontroller like an Arduino?
    • ⤷ What are the equivalent alternatives if the F2DY-24A-R is out of stock?